Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24293ZXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY24293ZXCT
Description  Two Outputs PCI-Express Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24293ZXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY24293ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY24293
Document Number: 001-46117 Rev. *C
Page 6 of 10
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested.
Table 9. Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
–0.5
4.6
V
VIN
Input voltage
Relative to VSS
–0.5
VDD+0.5
V
TS
Temperature, Storage
Non Functional
–65
+150
°C
TJ
Temperature, Junction
Non Functional
–65
+150
°C
ESDHBM
ESD Protection (Human Body Model)
JEDEC EIA/JESD22-A114-E
2000
V
UL-94
Flammability rating
V-0 at 1/8 in.
MSL
Moisture sensitivity level
3
Recommended Operation Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TAC
Commercial ambient temperature
0
+70
°C
TAI
Industrial ambient temperature
–40
+85
°C
tPU
Power up time for all VDD to reach minimum specified voltage (power ramps must
be monotonic)
0.05
500
ms
Note
3. Parameters are guaranteed by design and characterization. Not 100% tested in production
DC Electrical Characteristics
Unless otherwise stated, VDD = 3.3V ±0.3V, ambient temperature = -40°C to +85°C Industrial, 0°C to +70°C Commercial
Parameter[3]
Description
Condition
Min
Typ
Max
Unit
VIL
Input low voltage
-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
VOL
Output low voltage of PCIE0[P/N],
PCIE1[P/N]
HCSL termination
(RS = 33Ω, RT = 49.9Ω)
-0.2
0
0.05
V
VOH
Output high voltage of PCIE0[P/N],
PCIE1[P/N]
HCSL termination
(RS = 33Ω, RT = 49.9Ω)
0.65
0.71
0.85
V
IDD
Operating supply current
No load, OE = 1
45
60
mA
IDDOD
Output disabled current
OE = 0
50
mA
CIN
Input capacitance
All input pins
5
pF
RPU
Pull up resistance
S0, S1, SS0, SS1, OE
70k
Ω
[+] Feedback


Similar Part No. - CY24293ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
CY24292LFXC CYPRESS-CY24292LFXC Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
CY24292LFXC CYPRESS-CY24292LFXC Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
CY24292LFXCT CYPRESS-CY24292LFXCT Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
CY24292LFXCT CYPRESS-CY24292LFXCT Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
More results

Similar Description - CY24293ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com