Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24293ZXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY24293ZXCT
Description  Two Outputs PCI-Express Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24293ZXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY24293ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY24293ZXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY24293
Document Number: 001-46117 Rev. *C
Page 8 of 10
Package Dimensions
Figure 6. 16-Pin TSSOP 4.40 mm Body Package
Ordering Information
Part Number
Type
Production Flow
Pb-free
CY24293ZXC
16-pin TSSOP
Commercial, 0°C to 70°C
CY24293ZXCT
16-pin TSSOP tape & reel
Commercial, 0°C to 70°C
CY24293ZXI
16-pin TSSOP
Industrial, -40°C to 85°C
CY24293ZXIT
16-pin TSSOP tape & reel
Industrial, -40°C to 85°C
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN 1 ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05gms
PART #
Z16.173 STANDARD PKG.
ZZ16.173 LEAD FREE PKG.
51-85091 *A
[+] Feedback


Similar Part No. - CY24293ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
CY24292LFXC CYPRESS-CY24292LFXC Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
CY24292LFXC CYPRESS-CY24292LFXC Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
CY24292LFXCT CYPRESS-CY24292LFXCT Datasheet
736Kb / 19P
   25 MHz Crystal or Clock Input
CY24292LFXCT CYPRESS-CY24292LFXCT Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
More results

Similar Description - CY24293ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
logo
Analog Devices
AD9573 AD-AD9573 Datasheet
297Kb / 12P
   PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs
REV. 0
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com