Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20336-24LQXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20336-24LQXIT
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20336-24LQXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20336-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C20336-24LQXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
CY8C20X36/46/66/96
Document Number: 001-12696 Rev. *F
Page 9 of 39
24-Pin QFN
Note
3. The center pad (CP) on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it
must be electrically floated and not connected to any other signal.
Table 3. Pin Definitions - CY8C20336, CY8C20346 [2, 3]
Pin
No.
Type
Name
Description
Figure 3. CY8C20336, CY8C20346 PSoC Device
Digital Analog
1
I/O
I
P2[5]
Crystal output (XOut)
2
I/O
I
P2[3]
Crystal input (XIn)
3
I/O
I
P2[1]
4
IOHR
I
P1[7]
I2C SCL, SPI SS
5
IOHR
I
P1[5]
I2C SDA, SPI MISO
6
IOHR
I
P1[3]
SPI CLK
7
IOHR
I
P1[1]
ISSP CLK[1], I2C SCL, SPI
MOSI
8
NC
No connection
9
Power
Vss
Ground connection
10
IOHR
I
P1[0]
ISSP DATA[1], I2C SDA, SPI
CLK
11
IOHR
I
P1[2]
12
IOHR
I
P1[4]
Optional external clock input
(EXTCLK)
13
IOHR
I
P1[6]
14
Input
XRES
Active high external reset with
internal pull down
15
I/O
I
P2[0]
16
IOH
I
P0[0]
17
IOH
I
P0[2]
18
IOH
I
P0[4]
19
IOH
I
P0[6]
20
Power
Vdd
Supply voltage
21
IOH
I
P0[7]
22
IOH
I
P0[5]
23
IOH
I
P0[3]
Integrating input
24
IOH
I
P0[1]
Integrating input
CP
Power
Vss
Center pad must be connected
to ground
LEGEND A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
QFN
(Top View)
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
AI, SPI CLK, P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[2], AI
P0[0], AI
P0[4], AI
AI, P2[1]
P1[6], AI
XRES
P2[0], AI
AI, XOut, P2[5]
AI, XIn, P2[3]
[+] Feedback


Similar Part No. - CY8C20336-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20336-24LQXIT CYPRESS-CY8C20336-24LQXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20336-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com