Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22M1LCALGXI-00T Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22M1LCALGXI-00T
Description  Single Output, Low Power Programmable Clock Generator for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22M1LCALGXI-00T Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22M1LCALGXI-00T Datasheet HTML 2Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 3Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 4Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 5Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 6Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 7Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 8Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 9Page - Cypress Semiconductor CY22M1LCALGXI-00T Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MoBL® UniClock CY22M1
PRELIMINARY
Document Number: 001-49075 Rev. *C
Page 6 of 12
DC Electrical Specifications
Parameter[3] Description
Test Conditions
Min
Typ
Max
Unit
VIL1
Input low voltage of PD#/OE
0.2*VDD
V
VIH1
Input high voltage of PD#/OE
0.8*VDD
––
V
VIL2
Input low voltage of REFIN
CY22M1S
-0.2
0.4
V
CY22M1L
-0.2
0.4
V
VIH2
Input high voltage of REFIN
CY22M1S
1.2
2.1
V
CY22M1L
1.2
VDD+0.3[4]
V
VOL1
Output low voltage
IOL = 8 mA, VDD = 3.0/3.3V
0.4
V
VOH1
Output high voltage
IOH = 8 mA, VDD = 3.0/3.3V
VDD–0.4
V
VOL2
Output low voltage
IOL = 4 mA, VDD = 1.8/2.5V
0.1*VDD
V
VOH2
Output high voltage
IOH = 4 mA, VDD = 1.8/2.5V
0.9*VDD
––
V
IIL
Input low current
Input = VSS
–<1
10
μA
IIH
Input high current
Input = VDD
–<1
10
μA
IOZL
Output leakage current
Output = VSS, Tj = 85°C
<1
5
μA
IOZH
Output leakage current
Output = VDD
––
50
μA
IDD
Power supply current for CY22M1L
FOUT = 12 MHz, no load
FOUT = 12 MHz, 15 pF load
FOUT = 48 MHz, no load
FOUT = 48 MHz, 15 pF load
1.0
1.2
1.6
2.8
mA
mA
mA
mA
Power supply current for CY22M1S
FOUT = 12 MHz, no load
FOUT = 12 MHz, 15 pF load
FOUT = 48 MHz, no load
FOUT = 48 MHz, 15 pF load
1.5
3.3
2.5
6.5
mA
mA
mA
mA
IPD
Power down current
Tj = 85°C
25
50
μA
RUP
Input pull up resistors
PD#/OE = low
PD#/OE = high
1
100
6
250
M
Ω
k
Ω
RDN
Output pull down resistors
500
1500
k
Ω
CIN
Input capacitance of PD#/OE pin
7
pF
Notes
3. Parameters are guaranteed by design and characterization. Not 100% tested in production.
4. VIH2 absolute maximum value is 2.1V. For VDD = 1.6V to 1.8V, the maximum VIH2 is VDD + 0.3V.
[+] Feedback


Similar Part No. - CY22M1LCALGXI-00T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22050 CYPRESS-CY22050 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
More results

Similar Description - CY22M1LCALGXI-00T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
M200 CYPRESS-M200 Datasheet
477Kb / 17P
   Two-PLL Programmable Clock Generator for Portable Applications
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
   SINGLE OUTPUT CLOCK GENERATOR
IDT5V926A IDT-IDT5V926A Datasheet
101Kb / 6P
   Single Output Clock Generator
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.0
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com