Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-320240WG-C0BTA-VZ-010 Datasheet(PDF) 7 Page - Newhaven Display International, Inc.

Part # NHD-320240WG-C0BTA-VZ-010
Description  Liquid Crystal Display Graphic Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-320240WG-C0BTA-VZ-010 Datasheet(HTML) 7 Page - Newhaven Display International, Inc.

Back Button NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-320240WG-C0BTA-VZ-010 Datasheet HTML 11Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
第 7 頁,共 20 頁
6.Optical Characteristics
ITEM
SYMBAL CONDITION
MIN
TYP
MAX
UNIT
(V)θ
CR≧2
30
60
deg.
View Angle
(H)φ
CR≧2
-45
45
deg.
Contrast Ratio
CR
5
T rise
200
300
ms
Response Time
T fall
150
200
ms
6.1
Definitions
■View Angles
■Contrast Ratio
■Response time
Y
X
φ
( Visual angle direction )
Z
Brightness at non-selected state ( Bns )
Brightness at selected state ( BS )
Non-selected state
Operating voltage for LCDdriving
CR =
Selected state
Bns
Bs
90 %
Rise Time
Decay Time ( fall time tf )
Selected Condition
Nonselected Condition
Nonselected Condition
tr
td
10 %


Similar Part No. - NHD-320240WG-C0BTA-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-320240WG-COTFH-VZ NEWHAVEN-NHD-320240WG-COTFH-VZ Datasheet
599Kb / 10P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-320240WG-C0BTA-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com