Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICFP-BP-4 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NICFP-BP-4
Description  Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-BP-4 Datasheet(HTML) 4 Page - National Instruments Corporation

  NICFP-BP-4 Datasheet HTML 1Page - National Instruments Corporation NICFP-BP-4 Datasheet HTML 2Page - National Instruments Corporation NICFP-BP-4 Datasheet HTML 3Page - National Instruments Corporation NICFP-BP-4 Datasheet HTML 4Page - National Instruments Corporation NICFP-BP-4 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BuY ONLINE at ni.com or C
ALL 800 813 3693 (u.S.)
4
Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
Environment
Operating temperature.......................... -40 to 70 °C
Storage temperature............................. -55 to 85 °C
Relative humidity .................................. 10 to 90%, noncondensing
Shock and Vibration
These specifications apply only to Compact FieldPoint. NI recommends Compact
FieldPoint if your application is subject to shock and vibration.
Operating vibration, random
(IEC 60068-2-64) ............................... 10 to 500 Hz, 5 g
rms
Operating vibration, sinusoidal
(IEC 60068-2-6) ................................. 10 to 500 Hz, 5 g
Operating shock
(IEC 60068-2-27) ............................... 50 g, 3 ms half sine, 18 shocks
at 6 orientations; 30 g, 11 ms half sine,
18 shocks at 6 orientations
Safety
This product meets the requirements of the following standards of safety
for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
uL 61010-1, CSA 61010-1
Note: For uL and other safety certifications, refer to the product label or the
Online Product Certification section.
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards
for electrical equipment for measurement, control, and laboratory use:
EN 61326 (IEC 61326): Class A emissions; Industrial immunity
EN 55011 (CISPR 11): Group 1, Class A emissions
AS/NZS CISPR 11: Group 1, Class A emissions
FCC 47 CFR Part 15B: Class A emissions
ICES-001: Class A emissions
Note: For the standards applied to assess the EMC of this product, refer to the
Online Product Certification section.
Note: For EMC compliance, operate this product according to the documentation.
CE Compliance
This product meets the essential requirements of applicable European Directives
as follows:
2006/95/EC; Low-Voltage Directive (safety)
2004/108/EC; Electromagnetic Compatibility Directive (EMC)


Similar Part No. - NICFP-BP-4

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-BP-4 NI-NICFP-BP-4 Datasheet
426Kb / 3P
   4- and 8-slot backplanes/Solid metal construction for rugged installati
NICFP-BP-4 NI-NICFP-BP-4 Datasheet
400Kb / 4P
   8 or 16 digital outputs/Fused outputs for short circuit protection cFP-DO-410
NICFP-BP-4 NI-NICFP-BP-4 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
NICFP-BP-4 NI-NICFP-BP-4 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
NICFP-BP-4 NI-NICFP-BP-4 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
More results

Similar Description - NICFP-BP-4

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
   Analog Input Module for Compact FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
CFP-TC-120 NI-CFP-TC-120 Datasheet
194Kb / 6P
   Thermocouple and RTD Modules for Compact FieldPoint
NICFP-CTR-500 NI-NICFP-CTR-500 Datasheet
215Kb / 5P
   High-Speed Counter Modules for Compact FieldPoint
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
   Pulse-Width Modulation Output Module for Compact FieldPoint
NICFP-QUAD-510 NI-NICFP-QUAD-510 Datasheet
222Kb / 4P
   Quadrature Encoder Input Module for Compact FieldPoint
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com