Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICFP-CB-1 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NICFP-CB-1
Description  Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-CB-1 Datasheet(HTML) 3 Page - National Instruments Corporation

  NICFP-CB-1 Datasheet HTML 1Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 2Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 3Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 4Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BuY ONLINE at ni.com or C
ALL 800 813 3693 (u.S.)
3
Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
Specifications
Typical for -40 to 70 °C unless otherwise noted.
Input and Output Characteristics
Number of input channels..................... 4
Number of output channels .................. 4
ADC resolution...................................... 12 bits
Type of ADC........................................... Successive approximation
DAC resolution...................................... 12 bits
Type of DAC........................................... R-2R
update rate (all channels)..................... 1.7 kHz (588 μs)
Voltage Inputs
Effective resolution............................... 11.3 bits
Input impedance.................................... 1.5 MW
Input signal bandwidth ......................... 350 Hz
cFP-AIO-600 Gain Errors
Voltage Input Range
Gain Errors at 15 to 35 °C
Gain Errors at -40 to 70 °C
0-5 V
0.03% typ, 0.04% max
0.11% typ, 0.16% max
0-10 V
0.03% typ, 0.04% max
0.11% typ, 0.16% max
0-15 V
0.03% typ, 0.04% max
0.11% typ, 0.16% max
0-30 V
0.03% typ, 0.04% max
0.11% typ, 0.16% max
±5 V
0.03% typ, 0.04% max
0.13% typ, 0.19% max
±10 V
0.03% typ, 0.04% max
0.13% typ, 0.19% max
±15 V
0.03% typ, 0.04% max
0.13% typ, 0.19% max
±30 V
0.03% typ, 0.04% max
0.13% typ, 0.19% max
cFP-AIO-600 Offset Errors
Voltage Input Range
Offset Errors at 15 to 35 °C
Offset Errors at -40 to 70 °C
0-5 V
4 mV typ, 9 mV max
6 mV typ, 15 mV max
0-10 V
6 mV typ, 14 mV max
8 mV typ, 20 mV max
0-15 V
8 mV typ, 18 mV max
10 mV typ, 24 mV max
0-30 V
13 mV typ, 32 mV max
15 mV typ, 37 mV max
±5 V
6 mV typ, 14 mV max
8 mV typ, 20 mV max
±10 V
10 mV typ, 23 mV max
12 mV typ, 29 mV max
±15 V
14 mV typ, 32 mV max
16 mV typ, 38 mV max
±30 V
25 mV typ, 59 mV max
28 mV typ, 64 mV max
Current Inputs
Effective resolution............................... 11.3 bits
Input impedance.................................... 105 W
Overcurrent protection.......................... ±100 mA
Overvoltage protection.......................... ±10 V
Input signal bandwidth ......................... 400 Hz
Gain errors
15 to 35 ºC ........................................ 0.08% typ, 0.18% max
-40 to 70 ºC....................................... 0.25% typ, 0.66% max
cFP-AIO-600 Offset Errors
Voltage Input Range
Offset Errors at 15 to 35 °C
Offset Errors at -40 to 70 °C
0-20 mA
9 μA typ, 20 μA max
9 μA typ, 20 μA max
4-20 mA
9 μA typ, 20 μA max
9 μA typ, 20 μA max
±20 mA
16 μA typ, 38 μA max
17 μA typ, 38 μA max
Current Outputs ([c]FP-AIO-600)
Output ranges........................................ 0-20 or 4-20 mA, programmable
(0-21 or 3.5-21 mA with overranging)
Output type............................................ Current source
(external power supply required)
External power supply........................... 10-30 VDC, 125 mA
for four output channels
Internal voltage drop............................. 3 V
Resistive load........................................ up to 1 kW with 24 VDC power supply
Protection.............................................. Short-circuit and open-circuit
Default power-up state......................... 0 mA Isolation Voltage
Current Output Range
(with Overrange)
Accuracy at 15 to 35 °C
(% of Output Value;
% of Full Scale)
Accuracy at -40 to 70 °C
(% of Output Value;
% of Full Scale)
0 to 21 mA
±0.03%; ±0.13%
±0.14%; ±0.2%
3.5 to 21 mA
±0.03%; ±0.16%
±0.14%; ±0.23%
Isolation Voltage
Maximum isolation voltage .................. 250 V
rms, Installation Category II
Channel-to-channel isolation................ No isolation between channels
Transient overvoltage............................ 2,300 V
rms
Dynamic Characteristics
Maximum update rate........................... 1,700 updates/s
Slew rate............................................... 0.4 mA/μs
Physical Characteristics
LED indicators
POWER (green) ................................. Power on and self-test passed
READY (green) .................................. Module configured and ready
Fault status (red)............................... Open circuit
Dimensions
(FP only, including terminal base)..... 10.7 by 10.9 by 9.1 cm
(4.2 by 4.3 by 3.6 in.)
Weight
FP-AIO-600........................................ 141 g (4.9 oz)
cFP-AIO-600...................................... 111 g (3.9 oz)
Power Requirement
Power from network module................. 350 mW


Similar Part No. - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
426Kb / 3P
   4- and 8-slot backplanes/Solid metal construction for rugged installati
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
400Kb / 4P
   8 or 16 digital outputs/Fused outputs for short circuit protection cFP-DO-410
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
137Kb / 5P
   Compact FieldPoint Real-Time Controllers
More results

Similar Description - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
   Analog Input Module for Compact FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
CFP-TC-120 NI-CFP-TC-120 Datasheet
194Kb / 6P
   Thermocouple and RTD Modules for Compact FieldPoint
NICFP-CTR-500 NI-NICFP-CTR-500 Datasheet
215Kb / 5P
   High-Speed Counter Modules for Compact FieldPoint
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
   Pulse-Width Modulation Output Module for Compact FieldPoint
NICFP-QUAD-510 NI-NICFP-QUAD-510 Datasheet
222Kb / 4P
   Quadrature Encoder Input Module for Compact FieldPoint
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com