Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICFP-AI-110 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NICFP-AI-110
Description  Analog Input Modules for Compact FieldPoint and FieldPoint
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-AI-110 Datasheet(HTML) 2 Page - National Instruments Corporation

  NICFP-AI-110 Datasheet HTML 1Page - National Instruments Corporation NICFP-AI-110 Datasheet HTML 2Page - National Instruments Corporation NICFP-AI-110 Datasheet HTML 3Page - National Instruments Corporation NICFP-AI-110 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolation
[c]FP-AI-1xx modules feature optical bank isolation with 2,300 Vrms
of breakdown isolation. In addition, the [c]FP-AI-100, [c]FP-AI-102,
and [c]FP-AI-110 modules provide double insulation for up to
250 Vrms of operational isolation. Compact FieldPoint can safely be
used in applications where hazardous voltages are present with the
cFP-CB-1 connector block. FieldPoint can safely be used in
applications where hazardous voltages are present with the FP-TB-x
terminal base. These Compact FieldPoint and FieldPoint modules do
not have channel-to-channel isolation.
Field I/O Connections
Compact FieldPoint and FieldPoint modules include a built-in
power distribution bus that provides multiple power connections on
the module. A field-wired power supply connected to the voltage (V)
and common (C) terminals is internally connected to a power
distribution bus that provides additional breakout terminals for
voltage supply (VSUP) and common (COM). These terminals provide
a convenient way to distribute power to field devices that require
external power.
Each input channel on the AI-100 and AI-110 has four terminals:
1. Voltage input (VIN)
2. Current input (IIN)
3. Common (COM)
4. Power connection to power field devices or loop powered
current loops (VSUP)
The AI-111 has:
• 16 current input terminals (IIN)
•8 common terminals (COM)
•8 power connections for field devices or current loops (VSUP)
The AI-102 module has:
•8 voltage input terminals (VIN)
• 16 common terminals (COM)
•8 power connections to power field devices (VSUP)
Analog Input Modules for
Compact FieldPoint and FieldPoint
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
VSUP
IIN
V
C
To Analog
Input Circuitry
To Next Channel
100
COM
[c]FP-AI-100/110/111
Current
Source
VSUP
VIN
V
C
To Analog
Input Circuitry
To Next Channel
Input
Impedance
Varies by
Module
COM
[c]FP-AI-100/102/110
Voltage
Source
+
Figure 1. Schematics for the AI Module Wiring
Compact FieldPoint
NI cFP-AI-100 ............................................................777318-100
NI cFP-AI-102 ............................................................777318-102
NI cFP-AI-110 ............................................................777318-110
NI cFP-AI-111 ............................................................777318-111
Recommended Compact FieldPoint System Products
NI cFP-2020 ..............................................................777317-2020
NI cFP-BP-4 ..................................................................778617-04
NI cFP-CB-1 ..................................................................778618-01
NI PS-5 Power Supply ..................................................778805-90
NI Developer Suite Professional Control Edition..........777906-03
FieldPoint
NI FP-AI-100 ..............................................................777518-100
NI FP-AI-102 ..............................................................777518-102
NI FP-AI-110 ..............................................................777518-110
NI FP-AI-111 ..............................................................777518-111
Recommended FieldPoint System Products
NI FP-1601 ....................................................................777792-01
NI FP-TB-1 ....................................................................777519-01
NI PS-4 Power Supply ..................................................778586-90
NI Developer Suite Standard Control Edition ............777905-03
BUY ONLINE!
Visit ni.com/info and enter cfpai100, cfpai102, cfpai110, cfpai111,
fpai100, fpai102, fpai110, and/or fpai111.
Ordering Information
VSUP
IIN
V
C
100
COM
[c]FP-AI-100/110/111
Loop-Powered
Current
Transducer
+
To Next Channel
To Analog
Input Circuitry
External
Power
Supply
VSUP
VIN
V
C
To Analog
Input Circuitry
To Next Channel
Input
Impedance
Varies by
Module
COM
[c]FP-AI-100/102/110
Powered
Voltage
Transducer
OUT
+
External
Power
Supply
+
Figure 2. Schematics for the AI Module Wiring
Typical for -40 to 70 °C unless otherwise noted.
Input Characteristics
Number of inputs
[c]FP-AI-100, [c]FP-AI-102, [c]FP-AI-110 .... 8 single-ended
[c]FP-AI-111................................................ 16 single-ended
ADC resolution
[c]FP-AI-110, [c]FP-AI-111 .......................... 16 bits, 1 in 65,536
[c]FP-AI-100, [c]FP-AI-102 .......................... 12 bits, 1 in 4,096
Filters
[c]FP-AI-110, [c]FP-AI-111 .......................... 50, 60, or 500 Hz, software configurable per channel
[c]FP-AI-100, [c]FP-AI-102 .......................... 170 Hz, first-order analog filter
NMR ([c]FP-AI-110 and [c]FP-AI-111 only)... 95 dB (at 50/60 Hz, with filter enabled)
Input impedance, voltage inputs
[c]FP-AI-100................................................ 1.5 M
[c]FP-AI-102................................................ 1 M
[c]FP-AI-110................................................ 100 M
Input impedance, current inputs ...................... 100
Overvoltage protection (voltage inputs only)
[c]FP-AI-100, [c]FP-AI-102 .......................... 250 V
[c]FP-AI-110................................................ 40 V
Overcurrent protection (current inputs only).... 30 mA
Specifications


Similar Part No. - NICFP-AI-110

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-AI-118 NI-NICFP-AI-118 Datasheet
149Kb / 4P
   Analog Input Module for Compact FieldPoint
More results

Similar Description - NICFP-AI-110

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CFP-AIO-600 NI-CFP-AIO-600 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
   Analog Input Module for Compact FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
CFP-TC-120 NI-CFP-TC-120 Datasheet
194Kb / 6P
   Thermocouple and RTD Modules for Compact FieldPoint
NICFP-CTR-500 NI-NICFP-CTR-500 Datasheet
215Kb / 5P
   High-Speed Counter Modules for Compact FieldPoint
NICFP-QUAD-510 NI-NICFP-QUAD-510 Datasheet
222Kb / 4P
   Quadrature Encoder Input Module for Compact FieldPoint
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
NICFP-180X NI-NICFP-180X Datasheet
1Mb / 5P
   Ethernet/Serial Interfaces for Compact FieldPoint
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com