Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-320240WG-C0YNA-VZ-010 Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # NHD-320240WG-C0YNA-VZ-010
Description  Liquid Crystal Display Graphic Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-320240WG-C0YNA-VZ-010 Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

Back Button NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-320240WG-C0YNA-VZ-010 Datasheet HTML 10Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
第 6 頁,共 20 頁
4.Absolute Maximum Ratings
ITEM
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating Temperature
TOP
-20
+70
Storage Temperature
TST
-30
+80
Input Voltage
VI
0
Vdd
V
Supply Voltage For Logic
VDD
0
6.5
V
Supply Voltage For LCD
VDD-VEE
0
32
V
5.Electrical Characteristics
ITEM
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Logic Voltage
VDD-VSS
4.5
5.0
5.5
V
Supply Voltage For
LCD
VDD-VO
Ta=-20℃
Ta=25℃
Ta=70℃
23.0
23.8
25.0
V
V
V
Input High Volt.
VIH
0.5VDD
VDD
V
Input Low Volt.
VIL
0
0.2VDD
V
Output High Volt.
VOH
2.4
V
Output Low Volt.
VOL
0.4
V
Supply Current
IDD
95.0
100.0
110.0
mA


Similar Part No. - NHD-320240WG-C0YNA-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-320240WG-COTFH-VZ NEWHAVEN-NHD-320240WG-COTFH-VZ Datasheet
599Kb / 10P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-320240WG-C0YNA-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com