Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ830P-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ830P-E
Description  Quad channel high-side driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830P-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ830P-E Datasheet HTML 4Page - STMicroelectronics VNQ830P-E Datasheet HTML 5Page - STMicroelectronics VNQ830P-E Datasheet HTML 6Page - STMicroelectronics VNQ830P-E Datasheet HTML 7Page - STMicroelectronics VNQ830P-E Datasheet HTML 8Page - STMicroelectronics VNQ830P-E Datasheet HTML 9Page - STMicroelectronics VNQ830P-E Datasheet HTML 10Page - STMicroelectronics VNQ830P-E Datasheet HTML 11Page - STMicroelectronics VNQ830P-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
VNQ830P-E
Electrical specifications
Doc ID 10861 Rev 3
8/28
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 36 V; -40°C < Tj < 150°C, unless
otherwise stated.
Figure 3.
Current and voltage conventions
1.
VFn = VCCn - VOUTn during reverse battery condition.
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead
15
°C/W
Rthj-amb
Thermal resistance junction-ambient
(one chip ON)
60(1)
1.
When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35 µm thick) connected
to all VCC pins. Horizontal mounting and no artificial air flow.
44(2)
2.
When mounted on a standard single-sided FR-4 board with 6cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
°C/W
Rthj-amb
Thermal resistance junction-ambient
(two chips ON)
46(1)
31(2)
°C/W
Table 5.
Power
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VCC
Operating supply
voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VOV
Overvoltage shutdown
36
V
IS1,2
IGND1,2
OUTPUT3
VCC1,2
GND1,2
INPUT2
IOUT3
VCC1,2
VOUT4
OUTPUT2
IOUT2
VOUT3
INPUT1
IIN1
STATUS1
ISTAT1
OUTPUT1
IOUT1
OUTPUT4
IOUT4
VOUT2
VOUT1
IIN2
ISTAT2
ISTAT3
IIN4
ISTAT4
STATUS2
STATUS3
STATUS4
INPUT3
INPUT4
VSTAT4
VIN4
VSTAT3
VIN3
VSTAT2
IIN3
VIN2
VSTAT1
VIN1
IGND3,4
GND3,4
IS3,4
VCC3,4
VCC3,4
VF1(1)


Similar Part No. - VNQ830P-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ830PEP-E STMICROELECTRONICS-VNQ830PEP-E Datasheet
411Kb / 27P
   Quad channel high side driver
VNQ830PEPTR-E STMICROELECTRONICS-VNQ830PEPTR-E Datasheet
411Kb / 27P
   Quad channel high side driver
More results

Similar Description - VNQ830P-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
   Quad channel high-side driver
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
   Quad channel high side driver
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
   Quad channel high-side driver
September 2013 Rev 4
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com