Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-8101 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPXI-8101
Description  High-Value Embedded Controllers for PXI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-8101 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPXI-8101 Datasheet HTML 1Page - National Instruments Corporation NIPXI-8101 Datasheet HTML 2Page - National Instruments Corporation NIPXI-8101 Datasheet HTML 3Page - National Instruments Corporation NIPXI-8101 Datasheet HTML 4Page - National Instruments Corporation NIPXI-8101 Datasheet HTML 5Page - National Instruments Corporation NIPXI-8101 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
4
Specifications
Specifications subject to change without notice.
Features
Processor
PXI-8101............................................ Intel Celeron 575 2.0 GHz
PXI-8102............................................ Intel Celeron T3100 Dual Core 1.9 GHz
Chipset .................................................. Mobile Intel GM45 Express Chipset
Front-side bus
PXI-8101............................................ 667 MHz
PXI-8102............................................ 800 MHz
System memory (RAM)
Standard ........................................... 1 GB 800 MHz DDR2 RAM PC2 6400
Maximum.......................................... 4 GB 800 MHz DDR2 RAM PC2 6400
Ethernet................................................. 10/100/1000BASE-TX, RJ45 connector
Hard drive.............................................. 80 GB minimum, 5400 rpm, internal
2.5 in., 9.5 mm Serial ATA 1.0 interface
Video ..................................................... Integrated Graphics (Mobile Intel
GM45 Express Chipset)
Serial..................................................... 1 (RS232)
Parallel .................................................. IEEE 1284 Type C miniature connector
(adapter cable not included)
Hi-Speed USB........................................ 2
Power Requirements
Voltage
(V)
Current (A)
Typical
Maximum
PXI-8101
PXI-8102
PXI-8101
PXI-8102
+3.3
2.25
2.50
3.6
4.80
+5
3.50
4.00
6.6
7.80
+12
0.001
0.001
0.075
0.075
-12
0.0
0 .0
0.0
0.0
Physical
Board dimensions.................................. 2-slot 3U PXI module,
4.0 by 13 by 21.6 cm
(1.59 by 5.1 by 8.5 in.)
Slot requirements.................................. One system slot plus one controller
expansion slot
Compatibility......................................... Fully compatible with PXI Specification
Weight................................................... 0.645 kg (1.42 lb) typical
Environment
Maximum altitude................................. 2,000 m (800 mbar)
(at 25 °C ambient temperature)
Pollution degree.................................... 2
Indoor use only.
Operating Environment
Ambient temperature range1 ................ 5 to 50 °C2, 3
(tested in accordance with
IEC-60068-2-1 and IEC-60068-2-2)
Relative humidity range........................ 10 to 90% noncondensing
(tested in accordance with
IEC-60068-2-56)
1
For chassis that are not available in the online catalog at ni.com, contact
National Instruments for supported operating temperatures.
2
5 to 40 °C for the NI PXI-1000B DC.
3
Processor should not throttle CPU frequency under reasonable, worst case
processor workloads in high operating temperature.
Storage Environment
Ambient temperature range.................. -40 to 65 °C
(tested in accordance with
IEC-60068-2-1 and IEC-60068-2-2)
Relative humidity range........................ 5 to 95% noncondensing
(tested in accordance
with IEC-60068-2-56)
Shock and Vibration
Operating shock .................................... 30 g peak, half-sine, 11 ms pulse
(tested in accordance with
IEC-60068-2-27; test profile developed
in accordance with MIL-PRF-28800F)
Random vibration
Operating.......................................... 5 to 500 Hz, 0.3 g
rms
(with solid-state hard drive)
Nonoperating.................................... 5 to 500 Hz, 2.4 g
rms
(tested in accordance with
IEC-60068-2-64; nonoperating test
profile exceeds the requirements of
MIL-PRF-28800F, Class 3)
High-Value Embedded Controllers for PXI


Similar Part No. - NIPXI-8101

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-8101RT NI-NIPXI-8101RT Datasheet
948Kb / 5P
   2.0 GHz Intel Celeron 575 Real-Time Embedded Controllers for PXI
More results

Similar Description - NIPXI-8101

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-8101 NI-PXIE-8101 Datasheet
865Kb / 6P
   High-Value Embedded Controllers for PXI Express
777849-01 NI-777849-01 Datasheet
503Kb / 3P
   Real-Time Embedded Controllers for PXI
PXI-8183RT NI-PXI-8183RT Datasheet
4Mb / 4P
   850 MHz Intel Celeron Real-Time Embedded Controllers for PXI
PXI-8104RT NI-PXI-8104RT Datasheet
1Mb / 5P
   1.86 GHz Intel Celeron M Real-Time Embedded Controllers for PXI
PXI-8101RT NI-PXI-8101RT Datasheet
948Kb / 5P
   2.0 GHz Intel Celeron 575 Real-Time Embedded Controllers for PXI
NIPXI-8110RT NI-NIPXI-8110RT Datasheet
107Kb / 6P
   2.26 GHz Intel Core 2 Quad Real-Time Embedded Controllers for PXI
NIPXIE-8130 NI-NIPXIE-8130 Datasheet
302Kb / 6P
   High-Bandwidth, 2.3 GHz Dual-Core Embedded Controller for PXI Express
NIPXIE-8105 NI-NIPXIE-8105 Datasheet
362Kb / 6P
   2.0 GHz Dual-Core Embedded Controller for PXI Express
logo
Freescale Semiconductor...
MCF5249LAG120 FREESCALE-MCF5249LAG120 Datasheet
110Kb / 2P
   ColdFire Embedded Controllers
logo
Texas Instruments
SN54LVT8980A TI1-SN54LVT8980A_14 Datasheet
871Kb / 38P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com