Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP230CXX Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ALP230CXX
Description  Low-Temperature Polysilicon 2.0-inch TFT LCD Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ALP230CXX Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ALP230CXX Datasheet HTML 1Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 2Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 3Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 4Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 5Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 6Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 7Page - Sanyo Semicon Device ALP230CXX Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALP230CXX
No.6761-2/8
Absolute Maximum Ratings
at VSS=0V
Item
Symbol
Ratings
Unit
H driver power supply voltage
HVDD
-1.0
to
+17
V
V driver power supply voltage
VVDD
-1.0
to
+17
V
Common electrode voltage
VCOM
-1.0
to
+17
V
Driving direction signal voltage
CSH, CSV
-1.0
to
+17
V
H driver input voltage
STH, XSTH, CKH1, CKH2
-1.0
to
+17
V
V driver / precharge data
input voltage
STV, XSTV, CKV1, CKV2,
ENB, XENB, PCG, XPCG
-1.0
to
+17
V
Video / precharge data
input voltage
VG, VR, VB, VPCD
-1.0
to
+13
V
Operating temperature (panel)
Topr
-10
to
+60
°C
Storage temperature
Tstg
-20
to
+70
°C
Operating Conditions
Power supply voltage
HVDD 15.0V ± 0.5V, VVDD 15.0V ± 0.5V, VSS 0V
Item
Symbol
MIN
TYP
MAX
Unit
Low
VHIL
-0.3
0.0
0.3
V
H driver input voltage
High
VHIH
2.5
3.0
4.0
V
Low
VVIL
-0.3
0.0
0.3
V
V driver input voltage
High
VVIH
2.5
3.0
4.0
V
Low
VSIL
-0.3
0.0
0.3
V
CSV, CSH
High
VSIH
11.5
VDD
VDD
V
Video signal center voltage
VVC
5.9
6.0
6.3
V
Video signal input voltage range *1
VG, VR, VB
VVC-3.5
-
VVC+3.5
V
Common electrode voltage*2
VCOM
(VVC-0.2)-0.2
(VVC-0.2)
(VVC-0.2)+0.2
V
Precharge data signal *1
VPCD
VVC±1.5
VVC±2.0
VVC±2.5
V
*1 Video signal and precharge data signal shall be input symmetrically around VVC.
*2 Set common electrode voltage to the optimum voltage.
Optical Specifications
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Contrast ratio
CR
25
°C
-
100
-
-
θT
15
θB
35
θL
45
Viewing angle range
θR
CR >= 10
-
45
-
deg


Similar Part No. - ALP230CXX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
More results

Similar Description - ALP230CXX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP239CXX SANYO-ALP239CXX Datasheet
641Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP210 SANYO-ALP210 Datasheet
19Kb / 2P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP239CCX SANYO-ALP239CCX Datasheet
646Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP239CGX SANYO-ALP239CGX Datasheet
643Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP027XXX SANYO-ALP027XXX Datasheet
43Kb / 6P
   Low-Temperature Polysilicon 0.33-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP237FAX SANYO-ALP237FAX Datasheet
674Kb / 8P
   Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
   Low-Temperature Polysilicon 1.8-inch TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com