Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1L02XX18 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1L02XX18
Description  Very low quiescent BiCMOS voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX18 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1L02XX18 Datasheet HTML 1Page - STMicroelectronics ST1L02XX18 Datasheet HTML 2Page - STMicroelectronics ST1L02XX18 Datasheet HTML 3Page - STMicroelectronics ST1L02XX18 Datasheet HTML 4Page - STMicroelectronics ST1L02XX18 Datasheet HTML 5Page - STMicroelectronics ST1L02XX18 Datasheet HTML 6Page - STMicroelectronics ST1L02XX18 Datasheet HTML 7Page - STMicroelectronics ST1L02XX18 Datasheet HTML 8Page - STMicroelectronics ST1L02XX18 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST1L02xx
Maximum ratings
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC supply voltage
10
V
PTOT
Power dissipation
internally limited
W
IO
Output current
internally limited
A
TOP
Operating junction temperature range
0 to 150
°C
TSTG
Storage temperature range (1)
1.
Storage temperature >125 °C are acceptable only if the regulator is soldered to a PCBA.
-65 to 150
°C
TLEAD
Lead temperature (Soldering) 10 Sec.
260
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
55
°C/W


Similar Part No. - ST1L02XX18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L04PT STMICROELECTRONICS-ST1L04PT Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
ST1L05 STMICROELECTRONICS-ST1L05 Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST1L05BPUR STMICROELECTRONICS-ST1L05BPUR Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
More results

Similar Description - ST1L02XX18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
   Very low quiescent current BiCMOS voltage regulator
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com