Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD2837LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD2837LT1G
Description  Monolithic Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD2837LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD2837LT1G Datasheet HTML 1Page - ON Semiconductor MMBD2837LT1G Datasheet HTML 2Page - ON Semiconductor MMBD2837LT1G Datasheet HTML 3Page - ON Semiconductor MMBD2837LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD2837LT1G, MMBD2838LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (EACH DIODE) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 mAdc)
MMBD2837LT1G
MMBD2838LT1G
V(BR)
35
75
Vdc
Reverse Voltage Leakage Current (Note 3.)
(VR = 30 Vdc)
MMBD2837LT1G
(VR = 50 Vdc)
MMBD2838LT1G
IR
0.1
0.1
mAdc
Diode Capacitance (VR = 0 V, f = 1.0 MHz)
CT
4.0
pF
Forward Voltage (IF = 10 mAdc)
Forward Voltage (IF = 50 mAdc)
Forward Voltage (IF = 100 mAdc)
VF
1.0
1.0
1.2
Vdc
Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1)
trr
4.0
ns
3. For each individual diode while the second diode is unbiased.
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - MMBD2837LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
49Kb / 4P
   Monolithic Dual Switching Diodes
March, 2005 ??Rev. 5
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
132Kb / 4P
   Monolithic Dual Switching Diodes
October, 2016 ??Rev. 8
More results

Similar Description - MMBD2837LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD2837LT1 LRC-MMBD2837LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
LMBD2837LT1 LRC-LMBD2837LT1 Datasheet
114Kb / 3P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
132Kb / 4P
   Monolithic Dual Switching Diodes
October, 2016 ??Rev. 8
logo
Leshan Radio Company
MMBD2835LT1 LRC-MMBD2835LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1 ONSEMI-MMBD2837LT1 Datasheet
49Kb / 4P
   Monolithic Dual Switching Diodes
March, 2005 ??Rev. 5
logo
Motorola, Inc
MMBD6100LT1 MOTOROLA-MMBD6100LT1 Datasheet
78Kb / 4P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
46Kb / 4P
   Monolithic Dual Switching Diodes
November, 2001 ??Rev. 3
MMBD2835LT1G ONSEMI-MMBD2835LT1G_09 Datasheet
128Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2837G ZOWIE-MMBD2837G Datasheet
74Kb / 2P
   Monolithic Dual Switching Diodes
logo
Leshan Radio Company
MMBD6100LT1 LRC-MMBD6100LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com