Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM704SDS6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 6Page - STMicroelectronics STM704SDS6F Datasheet HTML 7Page - STMicroelectronics STM704SDS6F Datasheet HTML 8Page - STMicroelectronics STM704SDS6F Datasheet HTML 9Page - STMicroelectronics STM704SDS6F Datasheet HTML 10Page - STMicroelectronics STM704SDS6F Datasheet HTML 11Page - STMicroelectronics STM704SDS6F Datasheet HTML 12Page - STMicroelectronics STM704SDS6F Datasheet HTML 13Page - STMicroelectronics STM704SDS6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Description
STM690, STM704, STM795, STM802, STM804, STM805, STM806
10/42
Doc ID 10519 Rev 9
1.1.9
E (chip enable input)
The input to the chip enable gating circuit. Connect to ground if unused.
1.1.10
ECON (conditional chip enable)
ECON goes low only when E is low and reset is not asserted. If ECON is low when reset is
asserted, ECON will remain low for 15 µs or until E goes high, whichever occurs first. In the
disabled mode, ECON is pulled up to VOUT.
1.1.11
VBAT (backup battery input)
When VCC falls below VSO, VOUT switches from VCC to VBAT. When VCC rises above VSO +
hysteresis, VOUT reconnects to VCC. VBAT may exceed VCC. Connect to VCC if no battery is
used.
Table 3.
Pin description
Pin
Name
Function
STM795
STM690
STM802
STM704
STM806
STM804
STM805
6
MR
Push-button reset input
6
6
WDI
Watchdog input
7
7
7
RST
Active-low reset output
7
RST
Active-high reset output
4
4
4
PFI
Power-fail input
5
5
5
PFO
Power-fail output (push-pull)
1
1
1
1
VOUT
Supply output for external LPSRAM
2
2
2
2
VCC
Supply voltage
3
Vccsw
VCC switch output (push-pull)
4
3
3
3
VSS
Ground
5
E
Chip enable input
6
ECON
Conditioned chip enable output
8
8
8
8
VBAT
Backup battery input


Similar Part No. - STM704SDS6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM704SDS6F STMICROELECTRONICS-STM704SDS6F Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM704SDS6F STMICROELECTRONICS-STM704SDS6F Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results

Similar Description - STM704SDS6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com