Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138 Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # BSS138
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

BSS138 Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  BSS138 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd BSS138 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
6
BSS138
Pb Free Product
http://www.ncepower.com
SOT-23 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.


Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
BSS138 TECHPUBLIC-BSS138 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Unisonic Technologies
BSS138 UTC-BSS138 Datasheet
160Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Micro Commercial Compon...
BSS138 MCC-BSS138 Datasheet
325Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
BSS138 UMW-BSS138 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com