Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXIE-5673 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # PXIE-5673
Description  Vector Signal Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXIE-5673 Datasheet(HTML) 8 Page - National Instruments Corporation

  PXIE-5673 Datasheet HTML 1Page - National Instruments Corporation PXIE-5673 Datasheet HTML 2Page - National Instruments Corporation PXIE-5673 Datasheet HTML 3Page - National Instruments Corporation PXIE-5673 Datasheet HTML 4Page - National Instruments Corporation PXIE-5673 Datasheet HTML 5Page - National Instruments Corporation PXIE-5673 Datasheet HTML 6Page - National Instruments Corporation PXIE-5673 Datasheet HTML 7Page - National Instruments Corporation PXIE-5673 Datasheet HTML 8Page - National Instruments Corporation PXIE-5673 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
8
Figure 8. Typical Adjacent Channel Power at 825 MHz
Figure 9. Typical Adjacent Channel Power at 2.4 GHz
Figure 10. Typical Adjacent Channel Power at 3.4 GHz
Figure 11. Typical Adjacent Channel Power at 5.8 GHz
The specifications in figures 8 through 11 were measured under the
following conditions:
Modulation: QPSK
Symbol rate: 3.84 MS/s
Filter: root raised cosine with alpha value of 0.22
Filter length: 128 symbols
RF power: set to -10 dBm
Prefilter gain: set to -5 dB
Number of averages by receiver: 100
Noise cancellation: On
Vector Signal Generator
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
Frequency (Hz)
838M
812M
814M
816M
818M
820M
822M
824M
826M
828M
830M
832M
834M
836M
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
Frequency (Hz)
2.39G
2.392G
2.392G
2.396G
2.398G
2.4G
2.402G
2.404G
2.406G
2.408G
2.41G
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
Frequency (Hz)
3.412G
3.388G
3.39G
3.392G 3.394G 3.396G 3.398G
3.4G
3.402G 3.404G 3.406G 3.408G
3.41G
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
Frequency (Hz)
6.012G
5.988G
5.99G
5.992G 5.994G 5.996G 5.998G
6G
6.002G 6.004G 6.006G 6.008G
6.01G


Similar Part No. - PXIE-5673

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
   2.7 GHz RF Vector Signal Generator
More results

Similar Description - PXIE-5673

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
logo
National Instruments Co...
PXIE-5672 NI-PXIE-5672 Datasheet
824Kb / 4P
   2.7 GHz RF Vector Signal Generator
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Keysight Technologies
N9064A KEYSIGHT-N9064A Datasheet
6Mb / 11P
   VXA Vector Signal Analysis
M9064A KEYSIGHT-M9064A Datasheet
5Mb / 10P
   M9064A VXA Vector Signal Analysis
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com