Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR4101PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTR4101PT1G
Description  Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR4101PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTR4101PT1G Datasheet HTML 1Page - ON Semiconductor NTR4101PT1G Datasheet HTML 2Page - ON Semiconductor NTR4101PT1G Datasheet HTML 3Page - ON Semiconductor NTR4101PT1G Datasheet HTML 4Page - ON Semiconductor NTR4101PT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTR4101P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
08
100
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
100000
1.0
10000
10
1000
46
TJ = 125°C
2
VGS = 0 V
10
12
14
16
.
125°C
0
10
5
8
6
3
2
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
6
2
0
1
Figure 1. On−Region Characteristics
0
6
24
10
1
0
6
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.02
79
0.04
0
Figure 3. On−Resistance vs. Drain Current and
Temperature
−ID, DRAIN CURRENT (AMPS)
TJ = 25°C
0.1
13
TJ = −55°C
4
25°C
−1.6 V
−1.8 V
−2.0 V
−2.2 V
78
0.06
VGS = −10 V − −2.4 V
T = 125°C
4
0.08
5
3
4
8
0.01
0.03
0.05
0.07
0.09
T = 25°C
T = −55°C
VGS = −5.0 V
0.02
79
0.04
0
−ID, DRAIN CURRENT (AMPS)
0.15
13
0.06
0.08
5
0.01
0.03
0.05
0.07
0.14
TJ = 25°C
VGS = −2.5 V
Figure 4. On−Resistance vs. Drain Current and
Temperature
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = −1.6 A
−50
0
−25
25
1.2
1.0
0.8
0.6
0.4
50
125
100
75
150
1.4
810
24
6
VGS = −4.5 V
0.10
0.12
0.09
0.11
0.13
TJ = 150°C
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
2
VDS ≥ 20 V
5
9
3
7
1
5


Similar Part No. - NTR4101PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4101PT1G ONSEMI-NTR4101PT1G Datasheet
56Kb / 6P
   Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR4101PT1G ONSEMI-NTR4101PT1G Datasheet
81Kb / 5P
   Trench Power MOSFET
October, 2016 ??Rev. 12
NTR4101PT1G ONSEMI-NTR4101PT1G Datasheet
219Kb / 6P
   MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
logo
VBsemi Electronics Co.,...
NTR4101PT1G VBSEMI-NTR4101PT1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTR4101PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
   ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com