Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW4N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFW4N150
Description  N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW4N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STFW4N150_09 Datasheet HTML 1Page - STMicroelectronics STFW4N150_09 Datasheet HTML 2Page - STMicroelectronics STFW4N150_09 Datasheet HTML 3Page - STMicroelectronics STFW4N150_09 Datasheet HTML 4Page - STMicroelectronics STFW4N150_09 Datasheet HTML 5Page - STMicroelectronics STFW4N150_09 Datasheet HTML 6Page - STMicroelectronics STFW4N150_09 Datasheet HTML 7Page - STMicroelectronics STFW4N150_09 Datasheet HTML 8Page - STMicroelectronics STFW4N150_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2009
Doc ID 11262 Rev 9
1/15
15
STFW4N150
STP4N150, STW4N150
N-channel 1500 V, 5
Ω, 4 A, PowerMESH™ Power MOSFET
in TO-220, TO-247, TO-3PF
Features
100% avalanche tested
Intrinsic capacitances and Qg minimized
High speed switching
Fully isolated TO-3PF plastic packages
Creepage distance path is 5.4 mm (typ.) for
TO-3PF
Application
Switching applications
Description
Using the well consolidated high voltage MESH
OVERLAY™ process, STMicroelectronics has
designed an advanced family of very high voltage
Power MOSFETs with outstanding performances.
The strengthened layout coupled with the
company’s proprietary edge termination structure,
gives the lowest RDS(on) per area, unrivalled gate
charge and switching characteristics.
Figure 1.
Internal schematic diagram.
Type
VDSS
RDS(on) max
ID
Pw
STFW4N150
1500 V
< 7
4 A
63 W
STP4N150
1500 V
< 7
4 A
160 W
STW4N150
1500 V
< 7
4 A
160 W
TO-220
TO-247
1
2
3
1
2
3
1
2
3
TO-3PF
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STFW4N150
4N150
TO-3PF
Tube
STP4N150
P4N150
TO-220
Tube
STW4N150
W4N150
TO-247
Tube
www.st.com


Similar Part No. - STFW4N150_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
logo
Inchange Semiconductor ...
STFW4N150 ISC-STFW4N150 Datasheet
335Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STFW4N150_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
   N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STFW3N170 STMICROELECTRONICS-STFW3N170 Datasheet
702Kb / 12P
   N-channel 1700 V, 7 廓 typ., 2.6 A PowerMESH??Power MOSFET in a TO-3PF package
September 2015 Rev 3
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z_09 Datasheet
462Kb / 15P
   N-channel 1000 V, 2.7 廓, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com