Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSN-3280 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # WSN-3280
Description  Wireless Sensor Network Accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

WSN-3280 Datasheet(HTML) 2 Page - National Instruments Corporation

  WSN-3280 Datasheet HTML 1Page - National Instruments Corporation WSN-3280 Datasheet HTML 2Page - National Instruments Corporation WSN-3280 Datasheet HTML 3Page - National Instruments Corporation WSN-3280 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
2
Wireless Sensor Network Accessories
plugs. The NI WSN-3293 contains four additional sizes of I/O gland inserts:
2-, 4-, 6-, and 10-hole inserts and one plug.
Figure 2. NI WSN-3291 Outdoor Enclosure with NI WSN Measurement Node (not included)
Power Supplies
These power supplies deliver external power to the NI WSN gateway or
measurement nodes. Requiring a 100 to 240 VAC, 47 to 63 Hz, and 0.4 A input,
the desktop power supply provides 12 VDC and up to 1.25 A, delivering up
to 15 W to the device. The desktop supply is rated for 0 to 70 °C operating
temperatures, and the power connector is a 3.5 mm, two-position MINI-
COMBICON connector. You must purchase region-specific power cords for
the desktop supply separately.
The PS-5 is a DIN-rail-mountable, 24 VDC power supply that you can use
to deliver power to the NI WSN gateway or measurement nodes, but NI
recommends it for the gateway. The PS-5 supply delivers up to 5 A of current
and is rated for operation from -25 to 60 °C. You can wire two PS-5 supplies in
parallel to deliver up to 10 A. NI recommends the PS-5 for industrial installations.
Figure 3. Desktop and PS-5 Power Supplies for NI Wireless Sensor Networks
Connectivity Accessories
NI WSN measurement nodes are shipped with a built-in, two-position MINI-
COMBICON power connector and an 18-position, side-entry, screw-terminal I/O
connector. The NI WSN-3284 kit contains two extra 18-position screw-terminal
connectors and labels for the NI WSN-3202 analog input node, including
one top-entry connector and one side-entry connector. (The NI WSN-3285 kit
contains one top-entry connector and one side-entry connector, with labels for
the NI WSN-3212 thermocouple input node.) You can also obtain four extra
two-position power connectors to use with NI WSN Ethernet gateways or
measurement nodes.
In addition, NI offers a power connector backshell kit that contains a strain
relief attachment for the two-position power connector on the Ethernet gateway
and measurement nodes. This attachment clips on the MINI-COMBICON
connector and includes a zip tie to hold the power cable in place.
Figure 4. NI Wireless Sensor Network 18-Position Screw-Terminal Connectors and Power
Connector Backshell Kit


Similar Part No. - WSN-3280

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
WSN-3202 NI-WSN-3202 Datasheet
1Mb / 11P
   Wireless Sensor Network Programmable Analog Input Measurement Nodes
More results

Similar Description - WSN-3280

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
WSN802G RFM-WSN802G Datasheet
7Mb / 101P
   802.11g Wireless Sensor Network Modules
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
   802.11g Wireless Sensor Network Module
WSN802GPA MURATA-WSN802GPA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
logo
RF Monolithics, Inc
WSN802GCA RFM-WSN802GCA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
logo
National Instruments Co...
WSN-9791 NI-WSN-9791 Datasheet
973Kb / 6P
   Wireless Sensor Network Ethernet Gateway
logo
Murata Manufacturing Co...
WSN802GC MURATA-WSN802GC Datasheet
549Kb / 7P
   802.11g wireless Sensor Network Module
logo
VIA Technologies, Inc.
VNT9271 VIA-VNT9271 Datasheet
268Kb / 2P
   Wireless Accessories
logo
National Instruments Co...
WSN-3202 NI-WSN-3202 Datasheet
1Mb / 11P
   Wireless Sensor Network Programmable Analog Input Measurement Nodes
logo
E+E Elektronik Ges.m.b....
EE240 EPLUSE-EE240 Datasheet
1Mb / 14P
   Wireless Sensor Network for Humidity, Temperature and CO2
10-2023
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
   Wireless network antennas
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com