Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ07 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ07
Description  Dual Buffer with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ07 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ07_08 Datasheet HTML 1Page - ON Semiconductor NL27WZ07_08 Datasheet HTML 2Page - ON Semiconductor NL27WZ07_08 Datasheet HTML 3Page - ON Semiconductor NL27WZ07_08 Datasheet HTML 4Page - ON Semiconductor NL27WZ07_08 Datasheet HTML 5Page - ON Semiconductor NL27WZ07_08 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2008 − Rev. 11
1
Publication Order Number:
NL27WZ07/D
NL27WZ07
Dual Buffer with Open Drain
Outputs
The NL27WZ07 is a high performance dual buffer with open drain
outputs operating from a 1.65 to 5.5 V supply.
The internal circuit is composed of multiple stages, including an
open drain output. The open drain output provides the capability to set
the output switching level to a user selectable value with an external
resistor and power supply. The logic high output value is set by the
external power supply and can be less than, equal or greater than the
VCC power supply, provided the voltage supply is less than 5.5 V.
Features
Extremely High Speed: tPD 2.3 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V VCC Operation, CMOS compatible
Over Voltage Tolerant Inputs
LVTTL Compatible − Interface Capability with 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Output Sink Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 72; Equivalent Gate = 18
Pb−Free Packages are Available
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
OUT Y1
IN A1
1
2
3
5
6
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
4
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88
DF SUFFIX
CASE 419B
TSOP−6
DT SUFFIX
CASE 318G
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
OUT Y1
6
FUNCTION TABLE
L
H
A Input
Y Output
L
Z
http://onsemi.com
1
6
M7 M G
G
1
M7
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
M7 M G
G
1


Similar Part No. - NL27WZ07_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07_07 Datasheet
78Kb / 6P
   Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
More results

Similar Description - NL27WZ07_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07 Datasheet
60Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL27WZ07 ONSEMI-NL27WZ07_12 Datasheet
116Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2012 ??Rev. 15
NL27WZ07 ONSEMI-NL27WZ07_07 Datasheet
78Kb / 6P
   Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
NL27WZ07 ONSEMI-NL27WZ07_V01 Datasheet
329Kb / 13P
   Dual Buffer with Open Drain Outputs
September, 2020 - Rev. 17
logo
Texas Instruments
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com