Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ07DTT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ07DTT1G
Description  Dual Buffer with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ07DTT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ07DTT1G Datasheet HTML 1Page - ON Semiconductor NL27WZ07DTT1G Datasheet HTML 2Page - ON Semiconductor NL27WZ07DTT1G Datasheet HTML 3Page - ON Semiconductor NL27WZ07DTT1G Datasheet HTML 4Page - ON Semiconductor NL27WZ07DTT1G Datasheet HTML 5Page - ON Semiconductor NL27WZ07DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL27WZ07
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 25°C
−55°C ≤TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.75 VCC
0.75 VCC
0.75 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.3 VCC
0.3 VCC
0.3 VCC
0.3 VCC
V
ILKG
Z−State Output Leakage
Current
VIN = VIL
VOUT = VCC or GND
2.3 to 5.5
$5.0
$10.0
mA
VOL
Low−Level Output Voltage
VIN = VIL
IOL = 100 mA
1.65 to 5.5
0.0
0.1
0.1
V
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.20
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN or VOUT = VCC or
GND
0 to 5.5
$0.1
$1.0
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
Symbol
Parameter
Condition
VCC (V)
TA = 25°C
−55°C ≤TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
(Figure 3 and 4)
RL = R1= 5000 W, CL = 15 pF
1.8 $ 0.15
1.8
5.3
11.5
1.8
12.0
ns
RL = R1= 500 W, CL = 50 pF
2.5 $ 0.2
1.2
3.7
5.8
1.2
6.4
3.3 $ 0.3
0.8
2.9
4.4
0.8
4.8
5.0 $ 0.5
0.5
2.3
3.5
0.5
3.9
tPLZ
Propagation Delay
(Figure 3 and 4)
RL = R1= 5000 W, CL = 15 pF
1.8 $ 0.15
1.8
5.3
11.5
1.8
12.0
ns
RL = R1= 500 W, CL = 50 pF
2.5 $ 0.2
1.2
2.8
5.8
1.2
6.4
3.3 $ 0.3
0.8
2.1
4.4
0.8
4.8
5.0 $ 0.5
0.5
1.4
3.5
0.5
3.9
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin ) ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin ) ICC  VCC.


Similar Part No. - NL27WZ07DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ07DTT1G ONSEMI-NL27WZ07DTT1G Datasheet
60Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL27WZ07DTT1G ONSEMI-NL27WZ07DTT1G Datasheet
78Kb / 6P
   Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
NL27WZ07DTT1G ONSEMI-NL27WZ07DTT1G Datasheet
116Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2012 ??Rev. 15
More results

Similar Description - NL27WZ07DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07 Datasheet
60Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL27WZ07 ONSEMI-NL27WZ07_12 Datasheet
116Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2012 ??Rev. 15
NL27WZ07 ONSEMI-NL27WZ07_07 Datasheet
78Kb / 6P
   Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
NL27WZ07 ONSEMI-NL27WZ07_V01 Datasheet
329Kb / 13P
   Dual Buffer with Open Drain Outputs
September, 2020 - Rev. 17
logo
Texas Instruments
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com