Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIWSN-3293 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIWSN-3293
Description  Wireless Sensor Network Ethernet Gateway
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIWSN-3293 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIWSN-3293 Datasheet HTML 1Page - National Instruments Corporation NIWSN-3293 Datasheet HTML 2Page - National Instruments Corporation NIWSN-3293 Datasheet HTML 3Page - National Instruments Corporation NIWSN-3293 Datasheet HTML 4Page - National Instruments Corporation NIWSN-3293 Datasheet HTML 5Page - National Instruments Corporation NIWSN-3293 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
3
Wireless Sensor Network Ethernet Gateway
Figure 4. Extracting NI WSN Measurement Data Using LabVIEW
Advanced WSN Architectures
You can combine NI WSNs with other NI platforms to customize and enhance
your measurement capabilities. You can complement your NI WSN with PACs,
vision systems, or even human machine interfaces (HMIs) to create a fully
integrated solution that meets your unique application needs.
Figure 5. Customize and enhance your NI WSN system.
LabVIEW integration with NI WSNs also provides database integration,
remote data access with Web services, and customizable analysis and
visualization of your data. In addition, you can use other NI software such as
DIAdem to provide advanced data processing and analysis or the LabVIEW
Datalogging and Supervisory Control Module for integrated event detection
and alarming.
Mechanical Information
The WSN-9791 Ethernet gateway measures approximately 4.6 by 2.3 by 3.5 in.
(L by W by H). The front of the gateway offers power, status, and activity LEDs
in addition to a reset button that you can use to reboot the device. The power
connector and Ethernet port are located on the front, while the DIN-rail and panel
mount plate screw holes are located on the back of the device. The gateway also
includes integrated panel mount holes that are located on the side of the device.
Consult the WSN-9791 user guide for detailed mechanical information.
Figure 6. Gateway External Features
Accessories
NI WSN accessories feature options for gateway and measurement node
mounting as well as a weatherproof enclosure for outdoor use of the
measurement nodes. Available mounting accessories include options to panel
mount and DIN-rail mount WSN measurement nodes and gateways. The
NI WSN-3281 magnetic panel mount kit provides easy setup and takedown
on virtually any metal surface. For high shock and vibration applications,
NI recommends a panel mounting configuration rather than DIN-rail.
Accessory
Description
NI WSN-3280
NI WSN node panel mount bracket with spring-loaded screw-locking
mechanism and integrated strain relief
NI WSN-3281
NI WSN node magnetic panel mount bracket with spring-loaded
screw-locking mechanism and integrated strain relief
NI WSN-3282
NI WSN DIN-rail mounting kit for nodes or gateway (includes four screws)
NI WSN-3283
NI WSN panel mount plate for nodes or gateway (recommended for
gateway) with additional four keyholes for mounting to wall in multiple
orientations (includes four screws)
Table 1. Mounting Kits
You can choose from several power accessories that provide external power
to the WSN Ethernet gateway or WSN measurement nodes.
Reset
Button
Activity,
Power,
Status LEDs
Ethernet Port
Power
Connector
DIN-Rail and
Panel Mount Plate
Screw Holes
Integrated Panel
Mount Holes


Similar Part No. - NIWSN-3293

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIWSN-3293 NI-NIWSN-3293 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
NIWSN-3293 NI-NIWSN-3293 Datasheet
1Mb / 11P
   Wireless Sensor Network Programmable Analog Input Measurement Nodes
More results

Similar Description - NIWSN-3293

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
   Wireless IoT LoRa Network Gateway
WISE-3620 ADVANTECH-WISE-3620 Datasheet
549Kb / 2P
   Wireless IoT WiFi Network Gateway
WISE-3610Z ADVANTECH-WISE-3610Z Datasheet
492Kb / 2P
   Wireless IoT EPD Network Gateway
3-Sep-2019
WISE-3310 ADVANTECH-WISE-3310_16 Datasheet
531Kb / 2P
   Wireless IoT Mesh Network Gateway
WISE-3310 ADVANTECH-WISE-3310 Datasheet
593Kb / 2P
   200-Node Wireless IoT Network Gateway
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
   wireless gateway
logo
RF Monolithics, Inc
WSN802G RFM-WSN802G Datasheet
7Mb / 101P
   802.11g Wireless Sensor Network Modules
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
   802.11g Wireless Sensor Network Module
WSN802GPA MURATA-WSN802GPA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com