Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS140T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURS140T3G
Description  Surface Mount Ultrafast Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS140T3G Datasheet(HTML) 2 Page - ON Semiconductor

  MURS140T3G Datasheet HTML 1Page - ON Semiconductor MURS140T3G Datasheet HTML 2Page - ON Semiconductor MURS140T3G Datasheet HTML 3Page - ON Semiconductor MURS140T3G Datasheet HTML 4Page - ON Semiconductor MURS140T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MURS120T3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MURS
Unit
105T3
110T3
115T3
120T3
140T3
160T3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
600
V
Average Rectified Forward Current
IF(AV)
1.0 @ TL = 155°C
2.0 @ TL = 145°C
1.0 @ TL = 150°C
2.0 @ TL = 125°C
A
Non−Repetitive Peak Surge Current, (Surge applied
at rated load conditions halfwave, single phase, 60 Hz)
IFSM
40
35
A
Operating Junction Temperature
TJ
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
MURS
Unit
105T3
110T3
115T3
120T3
140T3
160T3
Thermal Resistance, Junction−to−Lead
(TL = 25°C)
RqJL
13
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 1.0 A, TJ = 25°C)
(iF = 1.0 A, TJ = 150°C)
vF
0.875
0.71
1.25
1.05
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
2.0
50
5.0
150
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
(iF = 0.5 A, iR = 1.0 A, IR to 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(iF = 1.0 A, di/dt = 100 A/ms, Rec. to 1.0 V)
tfr
25
50
ns
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
MURS105T3
U1A
SMB
2500 Units / Tape & Reel
MURS105T3G
SMB
(Pb−Free)
MURS110T3
U1B
SMB
MURS110T3G
SMB
(Pb−Free)
MURS115T3
U1C
SMB
MURS115T3G
SMB
(Pb−Free)
MURS120T3
U1D
SMB
MURS120T3G
SMB
(Pb−Free)
MURS140T3
U1G
SMB
MURS140T3G
SMB
(Pb−Free)
MURS160T3
U1J
SMB
MURS160T3G
SMB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MURS140T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS140T3G ONSEMI-MURS140T3G Datasheet
80Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS140T3G ONSEMI-MURS140T3G Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
MURS140T3G ONSEMI-MURS140T3G Datasheet
117Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
May, 2013 ??Rev. 12
MURS140T3G ONSEMI-MURS140T3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
MURS140T3G ONSEMI-MURS140T3G Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results

Similar Description - MURS140T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com