Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C102B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT77C102B_07 Datasheet HTML 4Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 5Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 6Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 7Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 8Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 9Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 10Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 11Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
5364C–BIOM–3/07
AT77C102B
.
Figure 3-1.
Reset
Table 3-7.
Switching Performances
The following characteristics are applicable to the operating temperature -40
°C ≤ Ta ≤ +85°C
Typical conditions are: nominal voltage; T
amb = 25°C; FPCLK = 1 MHz; Duty cycle = 50%
C
load 120 pF on digital and analog outputs unless otherwise specified
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Clock frequency
fPCLK
I0.5
1
2
MHz
Clock pulse width (high)
t
HCLK
I
250
ns
Clock pulse width (low)
tLCLK
I
250
ns
Clock setup time (high)/reset falling edge
tSetup
I0
ns
No data change
t
NOOE
IV
100
ns
Reset pulse width high
tHRST
IV
50
ns
Table 3-8.
3.3V ±10% Power Supply
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Output delay from PCLK to ACKN rising edge
t
PLHACKN
I
145
ns
Output delay from PCLK to ACKN falling edge
tPHLACKN
I
145
ns
Output delay from PCLK to data output Dxi
tPDATA
I
120
ns
Output delay from PCLK to analog output AVx
t
PAVIDEO
I
250
ns
Output delay from OE to data high-Z
tDATAZ
IV
34
ns
Output delay from OE to data output
t
ZDATA
IV
47
ns
tHRST
tSETUP
Reset RST
Clock PCLK


Similar Part No. - AT77C102B_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B-CB01YV- ATMEL-AT77C102B-CB01YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB02YV- ATMEL-AT77C102B-CB02YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com