Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C102B-CB01YV Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT77C102B-CB01YV
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B-CB01YV Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT77C102B-CB01YV Datasheet HTML 5Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 6Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 7Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 8Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 9Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 10Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 11Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 12Page - ATMEL Corporation AT77C102B-CB01YV Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
5364C–BIOM–3/07
AT77C102B
Figure 3-2.
Read One Byte/Two Pixels
Figure 3-3.
Output Enable
t PDATA
Clock
PCLK
fPCLK
tHCLK
tLCLK
tPLHACKN
tPHLACKN
tPAVIDEO
Acknowledge
ACKN
Data output
Do0-3, De0-3
Video analog output
AVO, AVE
Data #N+1
Data #N
Data #N-1
Data #N+2
Data #N+1
Data #N
Hi-Z
Hi-Z
Output enable
OE
Data output
Do0 -3, De0 -3
Data output
tZDATA
tDATAZ


Similar Part No. - AT77C102B-CB01YV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B-CB01YV- ATMEL-AT77C102B-CB01YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com