Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBTA56LT1G
Description  Driver Transistors PNP Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA56LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBTA56LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA56LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA56LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA56LT1G Datasheet HTML 4Page - ON Semiconductor MMBTA56LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2010
October, 2010 − Rev. 6
1
Publication Order Number:
MMBTA55LT1/D
MMBTA55LT1G,
MMBTA56LT1G
Driver Transistors
PNP Silicon
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MMBTA55
MMBTA56
VCEO
−60
−80
Vdc
Collector−Base Voltage
MMBTA55
MMBTA56
VCBO
−60
−80
Vdc
Emitter−Base Voltage
VEBO
−4.0
Vdc
Collector Current − Continuous
IC
−500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
SOT−23
CASE 318
STYLE 6
2
3
1
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
2xx M G
G
2xx = Device Code
x = H for MMBTA55LT1
xx = GM for MMBTA56LT1
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MMBTA56LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56LT1G ONSEMI-MMBTA56LT1G Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
MMBTA56LT1G ONSEMI-MMBTA56LT1G Datasheet
113Kb / 5P
   Driver Transistors
November, 2011 ??Rev. 7
MMBTA56LT1G ONSEMI-MMBTA56LT1G Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
MMBTA56LT1G ONSEMI-MMBTA56LT1G Datasheet
177Kb / 7P
   Driver Transistors
April, 2018 - Rev. 9
More results

Similar Description - MMBTA56LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55LT1 ONSEMI-MMBTA55LT1 Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Shanghai Leiditech Elec...
LMBTA55LT1G LEIDITECH-LMBTA55LT1G Datasheet
305Kb / 3P
   Driver Transistors PNP Silicon
logo
Leshan Radio Company
MMBTA55LT1 LRC-MMBTA55LT1 Datasheet
51Kb / 2P
   Driver Transistors(PNP Silicon)
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
Weitron Technology
MMBTA55 WEITRON-MMBTA55 Datasheet
242Kb / 4P
   Driver PNP Transistors
MPSA55 WEITRON-MPSA55 Datasheet
105Kb / 4P
   Driver PNP Transistors
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com