Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C104B-CH08YV Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT77C104B-CH08YV
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B-CH08YV Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT77C104B-CH08YV Datasheet HTML 4Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 5Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 6Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 7Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 8Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 9Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 10Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 11Page - ATMEL Corporation AT77C104B-CH08YV Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
5347F–BIOM–3/08
AT77C104B
Table 4-3.
Resistance
Parameter
Min Value
Standard Method
ESD
On pins HBM (Human Body Model) CMOS I/O
2 kV
MIL-STD-883 method 3015.7
On die surface (zap gun) air discharge
±16 kV
NF EN 6100-4-2
Mechanical Abrasion
Number of cycles without lubricant
Multiply by a factor of 20 for correlation with a real finger
200,000
MIL E 12397B
Chemical Resistance
Cleaning agent, acid, grease, alcohol, diluted acetone
4 hours
Internal method
Table 4-4.
Explanation of Test Levels
Level
Description
I
100% production tested at +25°C
II
100% production tested at +25°C, and sample tested at specified temperatures (AC testing done on sample)
III
Sample tested only
IV
Parameter is guaranteed by design and/or characterization testing
V
Parameter is a typical value only
VI
100% production tested at temperature extremes
D
100% probe tested on wafer at T
amb = +25°C
Table 4-5.
Specifications
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Resolution
IV
50
Micron
Size
IV
8 × 232
Pixel
Yield: Number of bad pixels
I
5
Bad pixels
Equivalent Resistance on TPP pin
I
23
35
47
Ohm


Similar Part No. - AT77C104B-CH08YV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C104B ATMEL-AT77C104B Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
AT77C104BCB08V ATMEL-AT77C104BCB08V Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
More results

Similar Description - AT77C104B-CH08YV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C104B ATMEL-AT77C104B Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
AT77C105A ATMEL-AT77C105A Datasheet
448Kb / 39P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based Navigation and Click Functions, Extended I/O range(1.8-3.3V)
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
logo
Keysight Technologies
N5423A KEYSIGHT-N5423A Datasheet
886Kb / 8P
   SPI Triggering and Hardware-based Decode
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
B&K Precision Corporati...
4014B BK-4014B Datasheet
865Kb / 3P
   DDS Sweep Function Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com