Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0622-DK1 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0622-DK1
Description  GPS Baseband GPS Baseband
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622-DK1 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0622-DK1 Datasheet HTML 1Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 2Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 3Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 4Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 5Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 6Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 7Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 8Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
4890H–GPS–08/08
ATR0621P
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinout LFBGA100 (Top View)
ATR0621P
1
2
3
4
5
6
7
8
9
10
A B CDE F G H J K
Table 3-1.
ATR0621P Pinout
Pin Name
LFBGA100
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
CLK23
G9
IN
DBG_EN
H4
IN
PD
EM_A1
A6
OUT
EM_A2
A5
OUT
EM_A3
A4
OUT
EM_A4
A2
OUT
EM_A5
A3
OUT
EM_A6
B5
OUT
EM_A7
B4
OUT
EM_A8
B2
OUT
EM_A9
D4
OUT
EM_A10
C2
OUT
EM_A11
D6
OUT
EM_A12
D7
OUT
EM_A13
C3
OUT
EM_A14
C1
OUT
EM_A15
D5
OUT
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 21
3. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 21
4. VDD_USB is the supply voltage for the following USB pins: USB_DM and USB_DP, see section “Power Supply” on page
21. For operation of the USB interface, supply of 3.0V to 3.6V is required.
5. This pin is not connected


Similar Part No. - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
504Kb / 27P
   GPS Baseband Processor
More results

Similar Description - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
logo
Sony Corporation
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
   GPS Baseband LSI
logo
ATMEL Corporation
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com