Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB125N02RT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB125N02RT4G
Description  Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB125N02RT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTB125N02RT4G Datasheet HTML 1Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 2Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 3Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 4Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 5Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 6Page - ON Semiconductor NTB125N02RT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 7
1
Publication Order Number:
NTB125N02R/D
NTB125N02R, NTP125N02R
Power MOSFET
125 A, 24 V N−Channel
TO−220, D2PAK
Features
Planar HD3e Process for Fast Switching Performance
Body Diode for Low trr and Qrr and Optimized for Synchronous
Operation
Low Ciss to Minimize Driver Loss
Optimized Qgd and RDS(on) for Shoot−through Protection
Low Gate Charge
Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
24
Vdc
Gate−to−Source Voltage − Continuous
VGS
±20
Vdc
Thermal Resistance − Junction−to−Case
Total Power Dissipation @ TC = 25°C
Drain Current −
Continuous @ TC = 25°C, Chip
Continuous @ TC = 25°C, Limited by Package
Continuous @ TA = 25°C, Limited by Wires
Single Pulse (tp = 10 ms)
RqJC
PD
ID
ID
ID
ID
1.1
113.6
125
120.5
95
250
°C/W
W
A
A
A
A
Thermal Resistance −
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
46
2.72
18.6
°C/W
W
A
Thermal Resistance −
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
63
1.98
15.9
°C/W
W
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 10 Vdc, IL = 15.5 Apk,
L = 1 mH, RG = 25 W)
EAS
120
mJ
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 Seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 1 inch pad size,
(Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu Area 0.412 in2).
PIN ASSIGNMENT
PIN
FUNCTION
1
Gate
2
Drain
3
Source
4
Drain
http://onsemi.com
125 AMPERES, 24 VOLTS
RDS(on) = 3.7 mW (Typ)
MARKING
DIAGRAMS
D
S
G
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
125N2x = Device Code
x= R
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
125N2RG
AYWW
125N2G
AYWW
1
2
3
4
D2PAK
CASE 418AA
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTB125N02RT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB125N02RT4 ONSEMI-NTB125N02RT4 Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
More results

Similar Description - NTB125N02RT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06 ONSEMI-NTP18N06 Datasheet
90Kb / 8P
   Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 4
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NTB5405N ONSEMI-NTB5405N Datasheet
114Kb / 7P
   Power MOSFET 40 V, 116 A, Single N?묬hannel, D2PAK
November, 2008 ??Rev. 2
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com