Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD14N03RT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD14N03RT4
Description  Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD14N03RT4 Datasheet(HTML) 3 Page - ON Semiconductor

  NTD14N03RT4 Datasheet HTML 1Page - ON Semiconductor NTD14N03RT4 Datasheet HTML 2Page - ON Semiconductor NTD14N03RT4 Datasheet HTML 3Page - ON Semiconductor NTD14N03RT4 Datasheet HTML 4Page - ON Semiconductor NTD14N03RT4 Datasheet HTML 5Page - ON Semiconductor NTD14N03RT4 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD14N03R
http://onsemi.com
3
1.8
1.6
1.2
1.4
1
0.8
0.6
100
10
1000
8
4
12
2
6
0
14
0.08
0
10
10
4
4
2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
0
0.16
0.20
8
6
4
0.12
0.08
0.04
0
210
12
Figure 3. On-Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On-Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain-to-Source Leakage Current
versus Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
14
-50
50
25
0
-25
75
125
100
03
4
2
15
06
8
410
212
0
0.04
0.12
0.20
020
25
15
10
5
VGS = 2.5 V
6
2
6
8
VDS ≥ 10 V
TJ = 25°C
TJ = -55°C
TJ = 125°C
6
TJ = 25°C
TJ = -55°C
TJ = 125°C
VGS = 10 V
VGS = 4.5 V
150
VGS = 0 V
TJ = 150°C
TJ = 125°C
ID = 5 A
VGS = 10 V
0.16
TJ = 25°C
TJ = -55°C
TJ = 125°C
14
14
10
8
12
7 V
5 V
10 V
3.5 V
4 V
4.5 V
8 V
6 V
3 V


Similar Part No. - NTD14N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD14N03RT4 ONSEMI-NTD14N03RT4 Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTD14N03RT4G ONSEMI-NTD14N03RT4G Datasheet
78Kb / 6P
   Power MOSFET
November, 2016 ??Rev. 9
logo
VBsemi Electronics Co.,...
NTD14N03RT4G VBSEMI-NTD14N03RT4G Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD14N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD14N03R ONSEMI-NTD14N03R Datasheet
65Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N?묬hannel DPAK
October, 2003 ??Rev. 3
NTD23N03R ONSEMI-NTD23N03R Datasheet
64Kb / 8P
   23 Amps, 25 Volts, N-Channel DPAK
August, 2004 ??Rev. 4
NTD4302 ONSEMI-NTD4302 Datasheet
85Kb / 10P
   Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
October, 2010 ??Rev. 8
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
logo
Unisonic Technologies
UTD3055 UTC-UTD3055 Datasheet
144Kb / 4P
   POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
logo
ON Semiconductor
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD6N20E ONSEMI-MTD6N20E Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com