Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PS1200R12KS4-4G Datasheet(PDF) 4 Page - eupec GmbH

Part # 2PS1200R12KS4-4G
Description  1x 610A AC at 400V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2PS1200R12KS4-4G Datasheet(HTML) 4 Page - eupec GmbH

  2PS1200R12KS4-4G Datasheet HTML 1Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 2Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 3Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 4Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 5Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 6Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 7Page - eupec GmbH 2PS1200R12KS4-4G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Information
2PS1200R12KS4-4G
PrimeSTACK
!
Vorläufige Daten
preliminary data
%7$" +,
-
%7$" +,
-
%7$" +,
-
%7$" +,
-
+
- K );:
+
- K );:
+
- K );:
+
- K );:
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
q r @s
-5 0 5 10 15 20 25 30 35 40 45 50 55
120
110
100
90
80
70
60
50
40
30
20
10
0
/
%7$" +,
-
/
%7$" +,
-
/
%7$" +,
-
/
%7$" +,
-
+
- K !;:
+
- K !;:
+
- K !;:
+
- K !;:
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
QR r @s
1000
2000
3000
4000
5000
6000
7000
120
110
100
90
80
70
60
50
40
30
20
10
0
"
,
,
,
"
,
,
,
"
,
,
,
"
,
,
,
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
"oZZL kMpE\k K 2 N*
, r s
1
10
100
1000
10000
0,12
0,11
0,10
0,09
0,08
0,07
0,06
0,05
0,04
0,03
0,02
0,01
0,00
Er6#[s
Er s
)
2<
);<
) : :
2:) 2
)
<<<
: )2
2
)
;
: )2


Similar Part No. - 2PS1200R12KS4-4G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
More results

Similar Description - 2PS1200R12KS4-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
4PS0150R12KE3-3G INFINEON-4PS0150R12KE3-3G Datasheet
524Kb / 8P
   2x 143A AC at 400V AC, forced air (fan not implemented)
2007-08-17 revision: 1.0
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com