Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PS1600R12KE3-4G Datasheet(PDF) 2 Page - eupec GmbH

Part # 2PS1600R12KE3-4G
Description  1x 717A AC at 400V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2PS1600R12KE3-4G Datasheet(HTML) 2 Page - eupec GmbH

  2PS1600R12KE3-4G Datasheet HTML 1Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 2Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 3Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 4Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 5Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 6Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 7Page - eupec GmbH 2PS1600R12KE3-4G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Information
2PS1600R12KE3-4G
PrimeSTACK
!
Vorläufige Daten
preliminary data
9
9
9
9
/
/
/
/
% ,
@
,
!
% ,
@
,
!
% ,
@
,
!
% ,
@
,
!
/
,
/
,
/
,
/
,
"
,
,
!
"
,
,
!
"
,
,
!
"
,
,
!
Electrical data
DC Link
,
, 3
?
?AB
>:
;:
?
Unit 2 AC
,
, 3
?
?CDEFG
2
?HIJ
*
?CDEFG K 2
?HIJ) ?AB K >: ?) "EDLMF K 2 N*)
"O P
:N*) CDEFG K :
@) QRG K :
@)
+
- K );:
%CDEFG
&HIJ
*
!
"EDLMF K 2 N*)
: S
>
:
&HIJ
,
"EDLMF K 2 N*)
)
;
)
K >22&HIJ
%CDEFG
; :
&HIJ
1*
) "EDLMF K 2 N*
%CDEFG AB
2>)
&TU
/
:V
:
&WMTX
/
/
Y
QRG
>
@
= /
?CDEFG K 2
?) ?AB K >: ?) "EDLMF K 2 N*)
"O P
:N*) CDEFG K :
@) QRG K :
@)
+
- K );:) %CDEFG K
&HIJ
=LZQQG
[
= /
+
-CDEFG
)
)
General data
,
, 3
= /
+=*$-
=LZQQ T\]
! ! !
[
?^\_QF
.?
/
?^\_QF
.?
?J\_`M
.?
3 + 2?-
7'*
%7*> ;
,
%
,
,
?aEDM
:
?HIJ
%
79:
;) K :
@) K >
?EQZL
);
.?HIJ


Similar Part No. - 2PS1600R12KE3-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
More results

Similar Description - 2PS1600R12KE3-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
4PS0150R12KE3-3G INFINEON-4PS0150R12KE3-3G Datasheet
524Kb / 8P
   2x 143A AC at 400V AC, forced air (fan not implemented)
2007-08-17 revision: 1.0
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com