Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PS0900R17KE3-3GH Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 2PS0900R17KE3-3GH
Description  1x 527A AC at 690V AC, forced air (fan not implemented)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PS0900R17KE3-3GH Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 2PS0900R17KE3-3GH Datasheet HTML 2Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 3Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 4Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 5Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 6Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 7Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 8Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 9Page - Infineon Technologies AG 2PS0900R17KE3-3GH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Technical Information
2PS0900R17KE3-3GH
PrimeSTACK
!
Zieldaten
target data
Circuit diagram
+
-
B
IGBT BOT
Output
Input
14
15 IGBT TOP
2 Error
3
22
Temp. error
Voltage error
13
25
GND digital
GND digital
12
23
10
11
24
NC
NC
NC
NC
1 True earth/shield
+
-
A
20
19
21
Current
Temperature
Voltage DC-Link
7
8
9
GND analog
GND analog
GND analog
Output
6
18
4
16
13V÷30V
GND
GND
13V÷30V
In
Out
15V/50mA
15V/50mA
5
17
Over
curre
nt HB
A
Over
curre
nt HB
B
Over
curre
nt HB
C
Unde
rvolta
ge
Over
temp
. outp
ut sta
ge
Over
temp
. PCB
Over
volta
ge D
C-Lin
k
Option V
Voltage measurement
PTC
X= high level with required external pull up resistor.
Error Table
X
Undervoltage power supply
X
X
Overvoltage DC-Link (Option)
X
Overtemperature PCB
X
X
Overtemperature output stage
X
Overcurrent
X
Error Driver Core
Voltage
Pin 22
Temp.
Pin 3
Error
Pin 2
Error outputs (open collector)
Mana
For detailed technical information please refer the PrimeSTACK manual.
safety separation between
high voltage area and
low voltage area
SUB-D-Connector
25pole male
front view
female thread
UNC4/40
1
NC
High voltage
area ingrey
+
-
C
VCE(sat) / supply
BOT
TOP
Option DC link capacitors
+
-


Similar Part No. - 2PS0900R17KE3-3GH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
More results

Similar Description - 2PS0900R17KE3-3GH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
4PS0300R17KE3-3G INFINEON-4PS0300R17KE3-3G Datasheet
524Kb / 8P
   2x 165A AC at 690V AC, forced air (fan not implemented)
2007-06-26 revision: 1.0
logo
eupec GmbH
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1600R06KE3-4G INFINEON-2PS1600R06KE3-4G Datasheet
527Kb / 8P
   1x 1032A AC at 230V AC, forced air (fan not implemented)
2007-06-03 revision: 1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com