Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PS1600R06KE3-4G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 2PS1600R06KE3-4G
Description  1x 1032A AC at 230V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PS1600R06KE3-4G Datasheet(HTML) 1 Page - Infineon Technologies AG

  2PS1600R06KE3-4G Datasheet HTML 1Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 2Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 3Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 4Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 5Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 6Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 7Page - Infineon Technologies AG 2PS1600R06KE3-4G Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Technical Information
2PS1600R06KE3-4G
PrimeSTACK
!"
Zieldaten
target data
Key data
1x 1032A AC at 230V AC, forced air (fan not implemented)
General information for:
Stacks for various inverter application. Semiconductors, heat sinks, drivers and sensors included.
These are only technical data!
Please read carefully the complete documentation and maintain the proper design environment!
Especially note the EMC environment and the controller's functionality.
#
!$ % &
'
$ (
&
$
)
*
+
,
-
-
.
( /
--
*
*
0
(
*
-
-
"
,1
!.
2+ ) /
-
"
,1
.
34 553
6
78
&9%#
&
&9%#
+(
8:; ! <* 1)=3*
1); <+
>
&2 ,
.
<==
(
0
-
<
!
8
0
-
>
+3 ?


Similar Part No. - 2PS1600R06KE3-4G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
More results

Similar Description - 2PS1600R06KE3-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
6PS0300R06KE3-3G EUPEC-6PS0300R06KE3-3G Datasheet
549Kb / 8P
   3x 243A AC at 230V AC, forced air (fan not implemented)
6PS0200R06KE3-3G EUPEC-6PS0200R06KE3-3G Datasheet
549Kb / 8P
   3x 197A AC at 230V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
logo
eupec GmbH
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
2PS1600R12KE3-4G EUPEC-2PS1600R12KE3-4G Datasheet
532Kb / 8P
   1x 717A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
4PS0400R06KE3-3G INFINEON-4PS0400R06KE3-3G Datasheet
527Kb / 8P
   2x 300A AC at 230V AC, forced air (fan not implemented)
2007-06-21 revision: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com