Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8513EEI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8513EEI
Description  Wide-Input, High-Frequency, Triple-Output Supplies with Voltage Monitor and Power-On Reset
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8513EEI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8513EEI Datasheet HTML 3Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 4Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 5Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 6Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 7Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 8Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 9Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 10Page - Maxim Integrated Products MAX8513EEI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Wide-Input, High-Frequency, Triple-Output Supplies
with Voltage Monitor and Power-On Reset
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VLX = VSUP2 = 12V, VPVL = VBST - VLX = VDRV3P = 5V, VSUP3N = 3.3V, VDRV3N = -5V, CVL = 4.7µF, CREF = 0.22µF, RFREQ =
15.0kΩ, TA = -40°C to +125°C (Note 2), unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
OUT3P (POSITIVE PNP LDO) (MAX8513 ONLY)
DRV3P Operating Range
VDRV3P
128
V
FB3P Regulation Voltage
VDRV3P = 5V, IDRV3P = 1mA
0.780
0.820
V
FB3P to DRV3P Large-Signal
Transconductance
GC3P
VDRV3P = 5V, IDRV3P = 0.5mA to 5mA
0.3
1.4
S
Feedback Input Bias Current
VFB3P = 0.75V
100
nA
Driver Sink Current
VFB3P = 0.75V
DRV3P = 2.5V
15
mA
FB3P POR Threshold
0.690
0.742
V
OUT3N (NEGATIVE NPN LDO CONTROLLER) (MAX8514 ONLY)
SUP3N Operating Range
(Note 1)
1.5
5.5
V
DRV3N Operating Range
(Note 1)
VSUP3N
- 21V
VSUP3N
- 1.5V
V
SUP3N Supply Current
VDRV3N = 1.5V, VSUP3N = 3.5V,
IDRV3N = -1mA (source)
2mA
FB3N Regulation Voltage
VDRV3N = 1.5V, VSUP3N = 3.5V,
IDRV3N = -1mA (source)
-20
+10
mV
FB3N to DRV3N Large-Signal
Transconductance
GC3N
VDRV3N = 0, IDRV3N = -0.5mA to -5mA
(source)
0.225
0.550
S
Feedback Input Bias Current
VFB3N = -100mV
1500
nA
Driver Source Current
VFB3N = 200mV, VDRV3N = 0,
VSUP3N = 3.5V
13
mA
FB3N POR Threshold
450
550
mV
REFERENCE
REF Output Voltage
VREF
-2µA < IREF < +50µA
1.22
1.27
V
OSCILLATOR
RFREQ = 10.7kΩ ±1% from FREQ to GND
1300
1500
RFREQ = 15.0kΩ ±1% from FREQ to GND
917
1070
Frequency
fS
RFREQ = 50.0kΩ ±1% from FREQ to GND
250
335
kHz
RFREQ = 10.7kΩ ±1% from FREQ to GND
77
91
RFREQ = 15.0kΩ ±1% from FREQ to GND
80
95
Maximum Duty Cycle
(Measured at DH Pin)
RFREQ = 50.0kΩ ±1% from FREQ to GND
93
99
%
Minimum On-Time
(Measured at DH Pin)
RFREQ = 10.7kΩ ±1% from FREQ to GND
62
ns
SYNC/EN Pulse Width
Low or high (Note 1)
200
ns
SYNC/EN Frequency Range
SYNC/EN input frequency needs to be
within ±30% of the value set at the FREQ
pin (Note 1)
200
1850
kHz


Similar Part No. - MAX8513EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8513EVKIT MAXIM-MAX8513EVKIT Datasheet
709Kb / 9P
   This EV kit operates from 9V to 16V, generating three positive output voltages
Rev 0; 4/04
More results

Similar Description - MAX8513EEI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88021 INTERSIL-ISL88021 Datasheet
198Kb / 7P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/ Overvoltage Monitoring Capability
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
R1150H RICOH-R1150H_17 Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com