Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6PS0300R12KS4-3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 6PS0300R12KS4-3G
Description  3x 168A AC at 400V AC, forced air (fan not implemented)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6PS0300R12KS4-3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  6PS0300R12KS4-3G Datasheet HTML 1Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 2Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 3Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 4Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 5Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 6Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 7Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 8Page - Infineon Technologies AG 6PS0300R12KS4-3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Technical Information
6PS0300R12KS4-3G
PrimeSTACK
Vorläufige Daten
preliminary data
Key data
3x 168A AC at 400V AC, forced air (fan not implemented)
General information for:
Stacks for various inverter application. Semiconductors, heat sinks, drivers and sensors included.
These are only technical data!
Please read carefully the complete documentation and maintain the proper design environment!
Especially note the EMC environment and the controller's functionality.
!
" #
$
% &
#
%
'
(
)
*
+
+
,
& -
++
(
(
.
&
(
+
+
*/
0,
1) ' -
+
*/
,
23 442
50 6 7
#
#8"!
)&
9:; 0< ( /'=7(
/';
)
>
#1 *
,
0==
&
.
+
2
2
9
.
+
>
)2 ? 5
2


Similar Part No. - 6PS0300R12KS4-3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
More results

Similar Description - 6PS0300R12KS4-3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
6PS0150R12KE3-3GV INFINEON-6PS0150R12KE3-3GV Datasheet
555Kb / 9P
   3x 134A AC at 400V AC, forced air (fan not implemented)
2010-06-11 revision:2.0
6PS0150R12KE3-3G INFINEON-6PS0150R12KE3-3G Datasheet
546Kb / 8P
   3x 134A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.0
logo
eupec GmbH
6PS0400R12KE3-3G EUPEC-6PS0400R12KE3-3G Datasheet
250Kb / 7P
   3x 210A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
6PS0200R12KE3-3GH INFINEON-6PS0200R12KE3-3GH Datasheet
546Kb / 8P
   3x 172A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision:1.0
logo
eupec GmbH
6PS0300R06KE3-3G EUPEC-6PS0300R06KE3-3G Datasheet
549Kb / 8P
   3x 243A AC at 230V AC, forced air (fan not implemented)
6PS0200R06KE3-3G EUPEC-6PS0200R06KE3-3G Datasheet
549Kb / 8P
   3x 197A AC at 230V AC, forced air (fan not implemented)
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com