Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3932D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3932D
Description  10.7Gbps Laser Diode Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3932D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3932D Datasheet HTML 4Page - Maxim Integrated Products MAX3932D Datasheet HTML 5Page - Maxim Integrated Products MAX3932D Datasheet HTML 6Page - Maxim Integrated Products MAX3932D Datasheet HTML 7Page - Maxim Integrated Products MAX3932D Datasheet HTML 8Page - Maxim Integrated Products MAX3932D Datasheet HTML 9Page - Maxim Integrated Products MAX3932D Datasheet HTML 10Page - Maxim Integrated Products MAX3932D Datasheet HTML 11Page - Maxim Integrated Products MAX3932D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
10.7Gbps Laser Diode Drivers
8
_______________________________________________________________________________________
VTT
50
MOD1
MOD2
OSCILLOSCOPE
DATA-
DATA+
CLK-
RTEN
VCC
1.2V
VEE
CLK+
50
50
50
50
DATA+
DATA-
CLK+
CLK-
PATTERN
GENERATOR
-5V
-2V
33
50
20
EQUIVALENT
CIRCUIT
-5V
MAX3930/
MAX3932
VOUT
MODN1
MODN2
IOUT
+
-
MODEN
-5V
Figure 1. Test Circuit
Figure 2. Required Input Signal, Setup/Hold Time Definition, and Output Polarity
CLK+
CLK-
tSU
VIS = 0.15V - 1.0V
DATA-
DATA+
(DATA+) - (DATA-)
IOUT
tHD
VIS = 0.15V - 1.0V
20mA - 100mA
VID = 0.3V - 2.0V


Similar Part No. - MAX3932D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AD MAXIM-MAX3934AD Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AE MAXIM-MAX3934AE Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934BD MAXIM-MAX3934BD Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
More results

Similar Description - MAX3932D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
   10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
   Laser Diode Drivers
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
   High Speed Triple Laser Diode Drivers
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
   High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
   Load Assembly for Laser Drivers
1/26/2022
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com