Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3207 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3207
Description  DC/DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3207 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3207 Datasheet HTML 1Page - Sanyo Semicon Device CPH3207 Datasheet HTML 2Page - Sanyo Semicon Device CPH3207 Datasheet HTML 3Page - Sanyo Semicon Device CPH3207 Datasheet HTML 4Page - Sanyo Semicon Device CPH3207 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH3107/3207
No.6077–2/5
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
3
)
(
=
B
A
m
0
6
)
(
=
0
0
1
)
(0
5
1
)
(V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
3
)
(
=
B
A
m
0
6
)
(
=5
8
.
0
)
(2
.
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
(
=
E 0
=5
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
(
=
E
B =∞
5
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IC
I
,
A
µ
0
1
)
(
=
C 0
=5
)
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
.
t
i
u
c
r
i
c
t
s
e
t
d
e
i
f
i
c
e
p
s
e
e
S
2
3
)
0
3
(s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
.
t
i
u
c
r
i
c
t
s
e
t
d
e
i
f
i
c
e
p
s
e
e
S
)
0
2
1
(s
n
0
5
2s
n
e
m
i
T
F
F
O
-
n
r
u
Ttf
.
t
i
u
c
r
i
c
t
s
e
t
d
e
i
f
i
c
e
p
s
e
e
S
0
1
)
4
1
(s
n
Switching Time Test Circuit
I NPUT
OUTPUT
100
µF
470
µF
50
VR
RL
RB
IB1
IB2
-5V
5V
PW=20
µs
D.C.
≤1%
++
20IB1=-20IB2=IC=3A
(For PNP, the polarity is reversed.)
I C - VCE
I C - VCE
I C - VBE
I C - VBE
CPH3107
CPH3207
IB=0
-10mA
-20mA
-30mA
-40mA
-90mA
IB=0
10mA
20mA
CPH3107
VCE=-2V
CPH3207
VCE=2V
30mA
50mA
40mA
60mA
70mA
80mA
90mA
-80mA
-70mA
-60mA
-50mA
-5.0
-4.0
-3.0
-2.0
-1.0
0
-500
-400
-300
-200
-100
0
5.0
4.0
3.0
2.0
1.0
0
500
400
300
200
100
0
-1.0
-0.6
-0.3
0
-0.8
-0.9
-0.7
-0.5
-0.4
-0.2
-0.1
-0.9
-0.6
-0.7
-0.3
-0.4
0
-0.8
-0.5
-0.2
-0.1
1.0
0.6
0.3
0
0.8
0.9
0.7
0.5
0.4
0.2
0.1
0.9
0.6
0.7
0.3
0.4
00.8
0.5
0.2
0.1
Collector-to-Emitter Voltage, VCE –mV
Collector-to-Emitter Voltage, VCE –mV
Base-to-Emitter Voltage, VBE – V
Base-to-Emitter Voltage, VBE –V


Similar Part No. - CPH3207

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3201 SANYO-CPH3201 Datasheet
73Kb / 4P
   DC/DC Converter Applications
CPH3204 SANYO-CPH3204 Datasheet
76Kb / 4P
   DC/DC Converter Applications
CPH3205 SANYO-CPH3205 Datasheet
51Kb / 5P
   High-Current Switching Applications
CPH3205 SANYO-CPH3205 Datasheet
83Kb / 5P
   High-Current Switching Applications
CPH3205 SANYO-CPH3205 Datasheet
44Kb / 5P
   High-Current Switching Applications
More results

Similar Description - CPH3207

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com