Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5099 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5099
Description  Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5099 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5099 Datasheet HTML 7Page - Maxim Integrated Products MAX5099 Datasheet HTML 8Page - Maxim Integrated Products MAX5099 Datasheet HTML 9Page - Maxim Integrated Products MAX5099 Datasheet HTML 10Page - Maxim Integrated Products MAX5099 Datasheet HTML 11Page - Maxim Integrated Products MAX5099 Datasheet HTML 12Page - Maxim Integrated Products MAX5099 Datasheet HTML 13Page - Maxim Integrated Products MAX5099 Datasheet HTML 14Page - Maxim Integrated Products MAX5099 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Dual, 2.2MHz, Automotive Synchronous Buck
Converter with 80V Load-Dump Protection
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1, 32
SOURCE2
Converter 2 Internal MOSFET Source Connection. For buck converter operation, connect SOURCE2 to the
switched side of the inductor. For boost operation, connect SOURCE2 to PGND (Figure 5).
2, 3
DRAIN2
Converter 2 Internal MOSFET Drain Connection. For buck converter operation, use the MOSFET as a high-
side switch and connect DRAIN2 to the DC-DC converters supply input rail. For boost converter operation,
use the MOSFET as a low-side switch and connect DRAIN2 to the inductor and diode junction (Figure 5).
4
PGOOD2
Converter Open-Drain Power-Good Output. PGOOD2 goes low when converter 2’s output falls below 92.5%
of its set regulation voltage. Use PGOOD2 and EN1 to sequence the converters.
5
EN2
Converter 2 Active-High Enable Input. Connect to VL for always-on operation.
6
FB2
Converter 2 Feedback Input. Connect FB2 to a resistive divider between converter 2’s output and SGND to
adjust the output voltage. To set the output voltage below 0.8V, connect FB2 to a resistive voltage-divider
from BYPASS to regulator 2’s output (Figure 2). See the Setting the Output Voltage section.
7
COMP2
Converter 2 Internal Transconductance Amplifier Output. See the Compensation section.
8
OSC
Oscillator Frequency Set Input. Connect a resistor from OSC to SGND (ROSC) to set the switching frequency
(see the Setting the Switching Frequency section). Set ROSC for an oscillator frequency equal to the SYNC
input frequency when using external synchronization. ROSC is still required when an external clock is
connected to the SYNC input. See the Synchronization (SYNC) section.
9
SYNC
External Clock Synchronization Input. Connect SYNC to a 400kHz to 4400kHz clock to synchronize the
switching frequency with the system clock. Each converter frequency is 1/2 of the frequency applied to
SYNC (FSEL_1 = VL). For FSEL_1 = SGND, the switching frequency of converter 1 becomes 1/4 of the
SYNC frequency. Connect SYNC to SGND when not used.
10
GATE
Gate Drive Output. Connect to the gate of the external n-channel load-dump protection MOSFET. GATE =
IN_HIGH + 9V (typ) with IN_HIGH = 12V. GATE pulls to IN_HIGH by an internal n-channel MOSFET when V+
raises 2V above IN_HIGH. Leave GATE unconnected if the load-dump protection is not used (MOSFET not
installed).
11
ON/OFF
n-Channel Switch Enable Input. Drive ON/OFF high for normal operation. Drive ON/OFF low to turn off the
external n-channel load-dump protection MOSFET and reduce the supply current to 7μA (typ). When
ON/OFF is driven low, both DC-DC converters are disabled and the PGOOD_ outputs are driven low.
Connect to V+ if the external load-dump protection is not used (MOSFET not installed).
12
IN_HIGH
Startup Input. IN_HIGH is protected by internally clamping to 21V (max). Connect a resistor (4k
Ω max) from
IN_HIGH to the drain of the protection switch. Bypass IN_HIGH with a 4.7μF electrolytic or 1μF minimum
ceramic capacitor. Connect to V+ if the external load-dump protection is not used (MOSFET not installed).
13
V+
Input Supply Voltage. V+ can range from 5.2V to 19V. Connect V+, IN_HIGH, and VL together for 4.5V to
5.5V input operation. Bypass V+ to SGND with a 1μF minimum ceramic capacitor.
14
VL
Internal Regulator Output. The VL regulator is used to supply the drive current at input VDRV. When driving
VDRV, use an RC lowpass filter to decouple switching noise from VDRV to the VL regulator (see the Typical
Application Circuit). Bypass VL to SGND with a 4.7μF minimum ceramic capacitor.


Similar Part No. - MAX5099

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5099 MAXIM-MAX5099 Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
MAX5099EVKIT MAXIM-MAX5099EVKIT Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
MAX5099EVKIT++ MAXIM-MAX5099EVKIT+ Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
More results

Similar Description - MAX5099

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5098A MAXIM-MAX5098A Datasheet
492Kb / 28P
   Dual, 2.2MHz, Automotive Buck or Boost Converter with 80V Load-Dump Protection
Rev 0; 5/08
MAX5098A MAXIM-MAX5098A_V01 Datasheet
1Mb / 29P
   Dual 2.2MHz Buck or Boost Converter with 80V Load-Dump Protection
2014
logo
STMicroelectronics
LDP01-XXAY STMICROELECTRONICS-LDP01-XXAY Datasheet
457Kb / 11P
   Automotive TVS for load dump protection
October 2015 Rev 2
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
logo
Maxim Integrated Produc...
MAX5099EVKIT MAXIM-MAX5099EVKIT Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
logo
Renesas Technology Corp
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
   80V Dual Synchronous Buck Controller
Oct.15.20
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com