Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1955 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1955
Description  1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1955 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1955 Datasheet HTML 1Page - Maxim Integrated Products MAX1955 Datasheet HTML 2Page - Maxim Integrated Products MAX1955 Datasheet HTML 3Page - Maxim Integrated Products MAX1955 Datasheet HTML 4Page - Maxim Integrated Products MAX1955 Datasheet HTML 5Page - Maxim Integrated Products MAX1955 Datasheet HTML 6Page - Maxim Integrated Products MAX1955 Datasheet HTML 7Page - Maxim Integrated Products MAX1955 Datasheet HTML 8Page - Maxim Integrated Products MAX1955 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX1955/MAX1956 are dual-output, fixed-frequency,
voltage-mode, pulse-width modulated (PWM) step-down
controllers with 0.5% output accuracy. Each controller
switches at a constant 600kHz and is 180° out-of-phase
with the other controller, reducing input ripple current
and the number of input capacitors.
An on-chip bias supply generates a 5V gate drive to
deliver up to 25A output current per phase with low-cost
N-channel MOSFETs at up to 93% efficiency. Lossless
adjustable current limit eliminates expensive current-
sense resistors and improves efficiency. Foldback current
limit reduces power dissipation during short-circuit
conditions and handles transient overloads better than
controllers using hiccup-mode short-circuit protection.
Output voltage margining shifts output voltage by
±4% from the nominal value to simplify system test.
Outputs also can be powered up and down in select-
able sequences to meet core and logic supply-rail
requirements.
The MAX1955/MAX1956 are available in a 28-lead thin
QFN package with exposed pad.
Applications
Base Stations
Telecom and Network Equipment
Servers
DSP, ASIC, µP, and FPGA Supplies
Features
o Operates from a 1.6V to 5.5V Supply (MAX1956)
o 0.5% Output Accuracy
o 0.8V to 0.9VIN Output Range
o Up to 25A per Phase Output Current
o On-Chip Boost Regulator Provides 5V Gate Drive
o Up to 93% Efficiency
o 180° Out-of-Phase Operation
o ±4% Voltage Margining
o Lossless, Foldback Current Limit
o Selectable Voltage Sequencing
o Synchronizable to External Clock
o Digital Soft-Start and Soft-Stop
o Small 28-Pin, 5mm 5mm Thin QFN Package
1.6V to 5.5V Input, 0.5% Accurate, Dual
180° Out-of-Phase Step-Down Controllers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
LXB
BST1
DH1
LX1
DL1
PGND
FB1
COMP1
SEQ
SYNC
SYNCHRONIZATION
CLOCK
EN
ON/OFF
VOLTAGE
MARGINING
BST2
DH2
LX2
DL2
FB2
COMP2
REF
GND
ILIM1
ILIM2
AVDD
IN
VDD
INPUT
1.6V TO 5.5V
OUTPUT 1
0.8V TO 0.9VIN
UP TO 25A
OUTPUT 2
0.8V TO 0.9VIN
UP TO 25A
VDD
VDD
MAX1956
Typical Operating Circuit
19-2623; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1955ETI
-40
°C to +85°C
28 Thin QFN-EP*
MAX1956ETI
-40
°C to +85°C
28 Thin QFN-EP*
*EP = Exposed pad.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX1955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX1955

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com