Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1955ETI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1955ETI
Description  1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1955ETI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1955ETI Datasheet HTML 1Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 2Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 3Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 4Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 5Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 6Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 7Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 8Page - Maxim Integrated Products MAX1955ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1.6V to 5.5V Input, 0.5% Accurate, Dual
180° Out-of-Phase Step-Down Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 3.3V; VVDD = VAVDD = 5V; PGND = GND = 0; CREF = 0.22µF; SYNC = GND; TA = -40°C to +85°C, unless otherwise
noted.) (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1955
2.25
5.50
IN Input Voltage Range
MAX1956 (Note 1)
1.6
5.5
V
MAX1955
1.9
2.2
IN Input Voltage UVLO
Rise or fall
MAX1956
1.30
1.58
V
FB Regulation Voltage
0.794
0.806
V
FB Regulation Voltage with
Positive Voltage Margining
Percentage change from nominal regulation voltage
+3
+5
%
FB Regulation Voltage with
Negative Voltage Margining
Percentage change from nominal regulation voltage
-5
-3
%
Line Regulation Error
(Note 2)
0.3
%
FB_ Input Bias
-0.2
+0.2
µA
Feedback Transconductance
1.0
3.1
mS
COMP_ Source Current
100
µA
COMP_ Sink Current
100
µA
COMP_ Pulldown Resistance
In shutdown
100
Step-Down Switching Frequency
SYNC = GND (Note 3)
540
660
kHz
SYNC Frequency Range
2 times step-down switching frequency
1080
1320
kHz
Maximum Duty Cycle
Measured at DH_
90
97
%
Minimum Duty Cycle
Measured at DH_
10
%
VDD Quiescent Supply Current
Total of VDD1 + VDD2 + AVDD current, SYNC = GND,
no load on DH_ or DL_
32
mA
IN Quiescent Supply Current
100
µA
IN Shutdown Supply Current
20
µA
REF Voltage
1.267
1.293
V
REF Load Regulation
IREF = -50µA to +50µA
0.01
V
Default Current-Limit Threshold
ILIM_ = VDD; measured from PGND to LX_
127.5
172.5
mV
RILIM_ = 100k
60
90
Adjustable Current-Limit
Threshold
Measured from PGND to LX_
RILIM_ = 400k
240
360
mV


Similar Part No. - MAX1955ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX1955ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com