Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3825 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3825
Description  3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3825 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3825 Datasheet HTML 1Page - Maxim Integrated Products MAX3825 Datasheet HTML 2Page - Maxim Integrated Products MAX3825 Datasheet HTML 3Page - Maxim Integrated Products MAX3825 Datasheet HTML 4Page - Maxim Integrated Products MAX3825 Datasheet HTML 5Page - Maxim Integrated Products MAX3825 Datasheet HTML 6Page - Maxim Integrated Products MAX3825 Datasheet HTML 7Page - Maxim Integrated Products MAX3825 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX3825 is a quad transimpedance amplifier (TIA)
intended for 2.5Gbps system interconnect applications.
Each of the four channels converts a small photodiode
current to a measurable differential voltage with a tran-
simpedance gain of 3.7k
Ω. The circuit features
460nARMS of input-referred noise per channel corre-
sponding to an optical input sensitivity of -22.3dBm
(BER
≤ 1 × 10-14). The quad transimpedance amplifier
has 20ps of deterministic jitter and a 2.4GHz small-sig-
nal bandwidth. The MAX3825 is optimized for use with
a quad PIN photodetector array with a standard fiber
pitch of 250µm.
The MAX3825 operates from a single +3.3V supply
over a 0°C to +85°C temperature range. With a +3.3V
supply, each channel dissipates 93mW of power. A DC
cancellation circuit on each channel provides a true dif-
ferential output swing over a wide range of input cur-
rents.
Each channel has an independent supply and ground
to allow all or any combination of channels to be con-
nected. This device is available in dice only.
Features
o Single +3.3V Supply
o 93mW per Channel Power Dissipation
o 460nARMS Input-Referred Noise
o 20ps Deterministic Jitter
o 2.4GHz Small-Signal Bandwidth
o No External Compensation
o 40dB Power-Supply Rejection Ratio
o Compact Die with 250µm Channel Pitch
o 100Ω Differential Output Impedance
Applications
+3.3V, 2.5Gbps Quad Transimpedance Amplifier
for System Interconnects
________________________________________________________________ Maxim Integrated Products
1
19-1855 Rev 0; 11/00
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Dice*
PIN-PACKAGE
TEMP. RANGE
0°C to +85°C
MAX3825U/D
PART
Typical Operating Circuit appears at end of data sheet.
*Dice are designed to operate with a 0°C to +120°C junction
temperature, but are tested and guaranteed only at TA = +25°C.
Chip Topography/Pad Configuration
VCCO1 OUT1+ OUT1- VCCO1 VCCO2 OUT2+ OUT2- VCCO2 VCCO3 OUT3+ OUT3- VCCO3 VCCO4 OUT4+ OUT4-VCCO4
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
GNDO3
GNDO4
VCCI4
VCCI3
GNDI3
GNDI4
ENABLE
19
18
20
15
14
16
17
N.C.
N.C. FILTER
IN1
FILT1 IN2 FILT2 IN3 FILT3 IN4 FILT4
N.C.
N.C.
12
3
4
5
6
7
8
9
10
11
12
13
GNDO1
GNDO2
GNDF
GNDI2
VCCI2
VCCI1
GNDI1
VCCFILT
37
38
39
40
41
42
43
44
N.C.
System Interconnects
SDH/SONET
Backplanes
Dense Digital Cross-
Connects
ATM Switching
Networks
High-Speed Parallel
Optical Links


Similar Part No. - MAX3825

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822 MAXIM-MAX3822 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822D MAXIM-MAX3822D Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822U MAXIM-MAX3822U Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
More results

Similar Description - MAX3825

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
   2.5Gbps High Sensitivity Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com