Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000XAL Datasheet(PDF) 11 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 11 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 7Page - Intel Corporation S5000XAL Datasheet HTML 8Page - Intel Corporation S5000XAL Datasheet HTML 9Page - Intel Corporation S5000XAL Datasheet HTML 10Page - Intel Corporation S5000XAL Datasheet HTML 11Page - Intel Corporation S5000XAL Datasheet HTML 12Page - Intel Corporation S5000XAL Datasheet HTML 13Page - Intel Corporation S5000XAL Datasheet HTML 14Page - Intel Corporation S5000XAL Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Introduction
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
12
1.
Introduction
This Technical Product Specification (TPS) provides board specific information detailing the features,
functionality, and high level architecture of the Intel® Server Board S5000PAL and Intel
® Server Board
S5000XAL. The Intel
® S5000 Series Chipsets Server Board Family Datasheet should also be referenced
for more in depth detail of various board sub-systems including chipset, BIOS, System Management, and
System Management software.
In addition, design level information for specific sub-systems can be obtained by ordering the External
Product Specifications (EPS) or External Design Specifications (EDS) for a given sub-system. EPS and
EDS documents are not publicly available. They are only made available under NDA with Intel and must
be ordered through your local Intel representative.
The Intel® Server Board S5000PAL/XAL may contain design defects or errors known as errata which
may cause the product to deviate from published specifications. Refer to the Intel® Server Board
S5000PAL/XAL Specification Update
for published errata.
1.1
Chapter Outline
This document is divided into the following chapters
Chapter 1 – Introduction
Chapter 2 – Server Board Overview
Chapter 3 – Functional Architecture
Chapter 4 – Platform Management
Chapter 5 – Connector & Header Location and Pin-out
Chapter 6 – Configuration Jumpers
Chapter 7 – Light Guided Diagnostics
Chapter 8 – Power and Environmental Specifications
Chapter 9 – Regulatory and Certification Information
Appendix A – Integration and Usage Tips
Appendix B – BMC Sensor Tables
Appendix C – POST Code Diagnostic LED Decoder
Appendix D – Post Code Errors
Appendix E – Supported Intel
® Server Chassis
1.2
Server Board Use Disclaimer
Intel Corporation server boards support add-in peripherals and contain a number of high-density VLSI
and power delivery components that need adequate airflow to cool. Intel ensures through its own chassis
development and testing that when Intel server building blocks are used together, the fully integrated
system will meet the intended thermal requirements of these components. It is the responsibility of the
system integrator who chooses not to use Intel developed server building blocks to consult vendor
datasheets and operating parameters to determine the amount of air flow required for their specific
application and environmental conditions. Intel Corporation cannot be held responsible if components fail
or the server board does not operate correctly when used outside any of their published operating or non-
operating limits.


Similar Part No. - S5000XAL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S50001M TRIPPLITE-S50001M Datasheet
478Kb / 2P
   Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 32Pin (SFF-8484) Cable, 1M (3-ft.)
logo
Intel Corporation
S5000VSA INTEL-S5000VSA Datasheet
1Mb / 86P
   Technical Product Specification
More results

Similar Description - S5000XAL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com