Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG201D
Description  Quad SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201D Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG201D Datasheet HTML 1Page - Maxim Integrated Products DG201D Datasheet HTML 2Page - Maxim Integrated Products DG201D Datasheet HTML 3Page - Maxim Integrated Products DG201D Datasheet HTML 4Page - Maxim Integrated Products DG201D Datasheet HTML 5Page - Maxim Integrated Products DG201D Datasheet HTML 6Page - Maxim Integrated Products DG201D Datasheet HTML 7Page - Maxim Integrated Products DG201D Datasheet HTML 8Page - Maxim Integrated Products DG201D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad SPST CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (DG211)
ELECTRICAL CHARACTERISTICS (DG211)
(V+ = +15V, V- = -15V, GND = 0, TA = +25°C, unless otherwise noted.) (For more information on TYP values see Note 2.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to V-………………………………….............……………….44V
VIN to Ground…………………………..................…. ……...V-, V+
VL to Ground………....................……………………….-0.3V, 25V
VS or VD to V+……...........................………………………0, -40V
VS or VD to V-……………........................…………………..0, 40V
V+ to Ground…………………...................................………...25V
V- to Ground…………………………………….................…...-25V
Current, Any Terminal Except S or D……….............……...30mA
Continuous Current, S or D……………………..............…...20mA
Peak Current, S or D
(pulsed at 1ms 10% duty cycle max)…..........................70mA
Storage Temperature Range……………..……..-65°C to +125°C
Operating Temperature Range
DG211C ................................……………...……...0°C to +70°C
DG211D/E .........................……………...……...-40°C to +85°C
Power Dissipation (TA = +70°C) (Note 1)
16-Pin Plastic Dip (derate 10.5mW/°C above +70°C) ..842mW
16-Pin Narrow SO (derate 8.3mW/°C above+70°C). ....696mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ..........755mW
16-Pin QFN (5 5)
(derate 19.2mW/°C above +70°C) .........................1538mW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range
VANALOG
-15
15
V
Drain-Source ON-Resistance
RDS (ON)
VD = ±10V, VIN = 0.8V, IS = 1mA
115
175
VS = 14V, VD = -14V
0.01
5.0
Source OFF-Leakage Current
IS (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-5.0
-0.02
VS = 14V, VD = -14V
0.01
5.0
Drain OFF-Leakage Current
ID (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-5.0
-0.02
VS = VD = -14V
0.1
5.0
Drain ON-Leakage Current
(Note 3)
ID (ON)
VIN = 0.8V
VS = VD = -14V
-5.0
-0.15
nA
INPUT
VIN = 2.4V
-1.0
-0.0004
Input Current with Input Voltage
High
IINH
VIN = 15V
0.003
1.0
Input Current with Input Voltage
Low
IINL
VIN = 0
-1.0
-0.0004
µA
DYNAMIC
Turn-ON Time
tON
460
1000
tOFF1
360
500
Turn-OFF Time
tOFF2
See Switching Time
Test Circuit
VS = 2V, RL = 1k
Ω, CL = 35pF
450
ns
Source OFF-Capacitance
CS (OFF)
VS = 0, VIN = 5V, f = 1MHz
5
Drain OFF-Capacitance
CD (OFF)
VD = 0, VIN = 5V, f = 1MHz
5
Channel ON-Capacitance
CD + S (ON)
VD = VS = 0, VIN = 0, f = 1MHz
16
pF
OFF-Isolation (Note 4)
OIRR
70
Crosstalk
(Channel to Channel)
CCRR
VIN = 5V, RL = 1k
Ω, CL = 15pF,
VS = 1VRMS, f = 100kHz
90
dB
Note 1: Device mounted with all leads soldered to PC board.


Similar Part No. - DG201D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
DG201 INTERSIL-DG201 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
DG201 INTERSIL-DG201 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG201 INTERSIL-DG201 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG2011 VISHAY-DG2011 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
More results

Similar Description - DG201D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com