Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG212D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG212D
Description  Quad SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG212D Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG212D Datasheet HTML 1Page - Maxim Integrated Products DG212D Datasheet HTML 2Page - Maxim Integrated Products DG212D Datasheet HTML 3Page - Maxim Integrated Products DG212D Datasheet HTML 4Page - Maxim Integrated Products DG212D Datasheet HTML 5Page - Maxim Integrated Products DG212D Datasheet HTML 6Page - Maxim Integrated Products DG212D Datasheet HTML 7Page - Maxim Integrated Products DG212D Datasheet HTML 8Page - Maxim Integrated Products DG212D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The DG202/DG212 are normally open, quad single-
pole single-throw (SPST) analog switches. These
CMOS switches can be continuously operated with
power supplies ranging from ±4.5V to ±18V. Maxim
guarantees that these switches will not latch up if the
power supplies are disconnected with input signals still
connected.
The DG202/DG212 are similar to the DG201/DG211
except for inverted control inputs. All devices have
guaranteed break-before-make switching, as well as
essentially constant on-resistance over the analog
signal range. All switches conduct current in either
direction and add no offset to the output signal.
Compared to the original manufacturer’s products,
Maxim’s DG202/DG212 consume very little power,
making them better suited for portable applications.
Maxim has also eliminated the need for the third logic
power supply (VL) that is required for the operation of
the original manufacturer’s DG212 without sacrificing
compatibility.
Applications
Analog Multiplexers
Programmable Gain Amplifiers
Communications Systems
Sample/Holds
Automatic Test Equipment
PBX, PABX
Features
♦ Guaranteed ±4.5V to ±18V Operation
♦ No VL Supply Required
♦ Nonlatching with Supplies Turned Off and Input
Signals Present
♦ CMOS and TTL Logic Compatible
♦ Monolithic, Low-Power CMOS Design
Quad SPST CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC “0” INPUT
DIP/SO
LOGIC
SWITCH
0
1
OFF
ON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG202
DG212
VL
S3
D3
IN3
IN4
D4
S4
GND
Pin Configurations
Ordering Information
19-3960; Rev 3; 6/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DG202CUE
0
°C to +70°C
16 TSSOP
DG202CSE
0
°C to +70°C
16 SO
DG202CJ
0
°C to +70°C
16 Plastic DIP
DG202C/D
0
°C to +70°C
Dice
DG202AEGE
-40
°C to +85°C
16 QFN (5mm x 5mm)
DG202AEUE
-40
°C to +85°C
16 TSSOP
DG202ADY
-40
°C to +85°C
16 SO
DG202ADJ
-40
°C to +85°C
16 Plastic DIP
DG202AK
-55
°C to +125°C
16 CERDIP
DG212CUE
0
°C to +70°C
16 TSSOP
DG212CSE
0
°C to +70°C
16 SO
DG212CJ
0
°C to +70°C
16 Plastic DIP
DG212C/D
0
°C to +70°C
Dice
DG212EGE
-40
°C to +85°C
16 QFN (5mm x 5mm)
DG212EUE
-40
°C to +85°C
16 TSSOP
DG212DY
-40
°C to +85°C
16 SO
DG212DJ
-40
°C to +85°C
16 Plastic DIP
DG212ETE
-40
°C to +85°C
16 Thin QFN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
+15V
DG202
DG212
-15V
VIN x 10V
*
*
*
*
5k
10k
40k
20k
5k
VOUT
PROGRAMMABLE GAIN AMPLIFIER
NOTE: *PINS 1, 8, 9, AND 16 ARE LOGIC CONTROL INPUTS
Typical Operating Circuit
Pin Configurations continued at end of data sheet.


Similar Part No. - DG212D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG212 INTERSIL-DG212 Datasheet
100Kb / 7P
   SPST 4-Channel Analog Switches
June 1999
logo
Vishay Siliconix
DG212B VISHAY-DG212B Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG212B VISHAY-DG212B Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG212BDJ VISHAY-DG212BDJ Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG212BDJ VISHAY-DG212BDJ Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
More results

Similar Description - DG212D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com