Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57030-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57030-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57030-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57030-E Datasheet HTML 2Page - STMicroelectronics PD57030-E Datasheet HTML 3Page - STMicroelectronics PD57030-E Datasheet HTML 4Page - STMicroelectronics PD57030-E Datasheet HTML 5Page - STMicroelectronics PD57030-E Datasheet HTML 6Page - STMicroelectronics PD57030-E Datasheet HTML 7Page - STMicroelectronics PD57030-E Datasheet HTML 8Page - STMicroelectronics PD57030-E Datasheet HTML 9Page - STMicroelectronics PD57030-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical performance
PD57030-E, PD57030S-E
6/18
Doc ID 12613 Rev 2
4
Typical performance
Figure 3.
Capacitance vs supply voltage
Figure 4.
Drain current vs gate source
voltage
Gate-source voltage vs case temperature
0
5
10
15
20
25
30
Vdd (V)
1
10
100
C (pF)
Crss
Coss
Ciss
2
3
4
567
Vgs (V)
0
1
2
3
4
5
Id (A)
-50
0
50
100
150
Tc (ºC)
0.9
0.95
1
1.05
Vgs (Normalized)
Vds = 10V
Id = 250mA
Id = 500mA
Id = 1A
Id = 1.5A
Id = 2A
Id = 2.5A
Id = 3A


Similar Part No. - PD57030-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57030-E STMICROELECTRONICS-PD57030-E Datasheet
388Kb / 18P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
More results

Similar Description - PD57030-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com