Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3891ECB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3891ECB
Description  16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3891ECB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3891ECB Datasheet HTML 2Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 3Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 4Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 5Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 6Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 7Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 8Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 9Page - Maxim Integrated Products MAX3891ECB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
16:1 Serializer,3.3V, 2.5Gbps, SDH/SONET,
with Clock Synthesis and LVPECL Inputs
6
_______________________________________________________________________________________
Applications Information
Setup and Hold Time Requirements
The setup and hold-time specifications assume that the
parallel clock-input signal (PCLKI) and parallel-data
input signal (PDI_) are from the same source. They
should have identical common-mode voltages, signal
amplitudes, and slew rates. If PCLKI and PDI_ differ
significantly, the setup and hold-time requirements
must be modified to account for these differences.
Define tDEG as the adjustment to the setup and hold-
time requirement when there are significant differences
between PCLKI and PDI_.
where tT is the transition time (20%–80%) of the paral-
lel-data and clock-input signals, VOH and VOL are the
input high and low voltage, respectively, of the parallel-
data and clock-input signals, and VCMDIFF is the differ-
ence in common-mode voltages of the parallel-data
and clock-input signals.
t
VCM
t
VV
DEG
DIFF
T
OH
OL


06
.
-
MAX3891
16-BIT
PARALLEL
INPUT
REGISTER
16-BIT
PARALLEL
SHIFT
REGISTER
PHASE/FREQ
DETECT
PECL
PDI15
PDI1
PDI0
PCLKI+
PCLKI-
RCLK+
RCLK-
PECL
PECL
BUF
PECL
PECL
PECL
PECL
CML
SLBO+
SOS
SDO+
SDO-
SLBO-
SCLKO+
SCLKO-
PECL
SHIFT
LATCH
FILTER
FIL+ FIL- CLKSET
PCLKO+ PCLKO-
PRESCALER
VCO
DIVIDE
BY 16
Figure 2. Functional Block Diagram


Similar Part No. - MAX3891ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38911 MAXIM-MAX38911 Datasheet
849Kb / 6P
   Evaluation Kit
Rev 0; 8/20
MAX38913 MAXIM-MAX38913 Datasheet
304Kb / 8P
   Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Analog Devices
MAX38913 AD-MAX38913 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
More results

Similar Description - MAX3891ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
   3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3690ECJ-T MAXIM-MAX3690ECJ-T Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Rev 2; 7/04
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
   3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com