Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3970U Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3970U
Description  10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3970U Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3970U Datasheet HTML 1Page - Maxim Integrated Products MAX3970U Datasheet HTML 2Page - Maxim Integrated Products MAX3970U Datasheet HTML 3Page - Maxim Integrated Products MAX3970U Datasheet HTML 4Page - Maxim Integrated Products MAX3970U Datasheet HTML 5Page - Maxim Integrated Products MAX3970U Datasheet HTML 6Page - Maxim Integrated Products MAX3970U Datasheet HTML 7Page - Maxim Integrated Products MAX3970U Datasheet HTML 8Page - Maxim Integrated Products MAX3970U Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
10Gbps, 3.3V Low-Power Transimpedance
Amplifier with RSSI
_______________________________________________________________________________________
5
Detailed Description
The MAX3970 transimpedance amplifier is optimized
for 10Gbps fiber optic receivers. Figure 1 is a function-
al diagram of the MAX3970, which comprises a tran-
simpedance amplifier, a voltage amplifier, an output
buffer, a received-signal strength indicator, and a DC-
cancellation circuit.
Transimpedance Amplifier
Photodiode signal current flows into the summing node
of a high-gain amplifier. Shunt feedback through RF
converts this current into a voltage with a gain of
approximately 400
Ω. Schottky diodes clamp the output
voltage for large input currents, as shown in Figure 2.
Voltage Amplifier
The voltage amplifier converts single-ended signals to
differential signals and introduces approximately 4dB
of gain.
Output Buffer
The output buffer is optimized to drive a 100
Ω differential
load between OUT+ and OUT-. Although short-circuit
protection is provided, this stage will not drive a 50
load to ground. For proper operation, the load must be
AC-coupled. For large signals, the output buffer
produces a limited, 500mVP-P differential output voltage.
Terminate the MAX3970 outputs differentially for optimum
supply-noise rejection. If a single-ended output is
required, terminate the used and unused outputs similarly.
DC Cancellation Circuit
The DC cancellation circuit centers the input signal
within the transimpedance amplifier’s linear range
(Figure 3). Low-frequency feedback is employed to
remove the input signal’s DC component.
The DC cancellation circuit is internally compensated
and therefore does not require external capacitors. This
circuit minimizes pulse-width distortion for data
sequences that exhibit a 50% mark density. A mark
density significantly different from 50% will cause the
MAX3970 to generate pulse-width distortion.
Received-Signal Strength Indicator
The received-signal strength indicator (RSSI) provides a
voltage proportional to the DC input current. The RSSI
circuitry is designed to drive a 10k
Ω load and is used
during the assembly process to optimally align the pho-
todiode. The lowpass filter in the DC cancellation circuit
determines the response time of the RSSI circuit.
Design Procedure
Power Supply
The MAX3970 requires wide-band power-supply
decoupling. Power-supply bypassing should provide
low impedance between VCC and ground for frequen-
cies between 50kHz and 10GHz. Use LC filtering at the
main supply terminal and decoupling capacitors as
close to the die as possible.
PAD
NAME
FUNCTION
BP1, BP2,
BP18
VCC1
Power Supply. Provides supply voltage to input circuitry and bias to the photodiode via an
internal 410
Ω resistor.
BP3
FILTER
Provides bias voltage for the photodiode through a 410
Ω resistor to VCC1. When grounded, this pin
disables the DC cancellation circuit to allow a DC path from IN to OUT+ and OUT- for testing.
BP4
TEST
Test Pad. This pad is connected to IN via a 1k
Ω resistor.
BP5
IN
Amplifier Input. Accepts photodiode input current.
BP6, BP7
GND1
Ground
BP8, BP9
GND2
Ground
BP10, BP13
GND3
Ground
BP11
OUT-
Negative CML Output. Current flowing into IN causes OUT- to decrease.
BP12
OUT+
Positive CML Output. Current flowing into IN causes OUT+ to increase.
BP14, BP15
BP16
VCC2
Power Supply. Provides supply voltage to the output buffers.
BP17
RSSI
Received-Signal Strength Indicator. This pin provides a voltage proportional to the DC input
current. Monitor this output during assembly to optimally align the photodiode to the optics.
Pad Description


Similar Part No. - MAX3970U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX397 MAXIM-MAX397 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AU/D MAXIM-MAX3971AU/D Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
More results

Similar Description - MAX3970U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
Texas Instruments
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com