Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SQA6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T83SQA6F
Description  Serial I2C bus RTC with battery switchover
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SQA6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T83SQA6F Datasheet HTML 4Page - STMicroelectronics M41T83SQA6F Datasheet HTML 5Page - STMicroelectronics M41T83SQA6F Datasheet HTML 6Page - STMicroelectronics M41T83SQA6F Datasheet HTML 7Page - STMicroelectronics M41T83SQA6F Datasheet HTML 8Page - STMicroelectronics M41T83SQA6F Datasheet HTML 9Page - STMicroelectronics M41T83SQA6F Datasheet HTML 10Page - STMicroelectronics M41T83SQA6F Datasheet HTML 11Page - STMicroelectronics M41T83SQA6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Description
M41T82-M41T83
8/61
Doc ID 12578 Rev 12
Table 1.
Signal names
Symbol
Description
XI(1)
1.
For SO8 and QFN16 packages only.
32 KHz oscillator input
XO(1)
32 KHz oscillator output
IRQ1/OUT/FT(2)
2.
For SOX18 and QFN16 packages only.
Interrupt 1/output driver/frequency test output (open drain)
SQW(3)
3.
Defaults to 32 KHz on power-up.
32 KHz programmable square wave output
RST
Power-on reset output (open drain)
FT/RST
Frequency test output/power-on reset (open drain - M41T82 only)
IRQ2(2)
Interrupt for alarm 2 (open drain)
SDA
Serial data address input/output
SCL
Serial clock input
VBAT
Battery supply voltage (tie VBAT to VSS if no battery is connected.)
DU(4)
4.
DU pin must be tied to VCC.
Do not use
VCC
Supply voltage
VSS
Ground


Similar Part No. - M41T83SQA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T83SQ6E STMICROELECTRONICS-M41T83SQ6E Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T83SQ6F STMICROELECTRONICS-M41T83SQ6F Datasheet
453Kb / 58P
   Serial RTC with battery switchover
More results

Similar Description - M41T83SQA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
Rohm
BU9873 ROHM-BU9873 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com